Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1302 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH1302
Description  High efficiency ultrafast diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1302 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH1302 Datasheet HTML 1Page - STMicroelectronics STTH1302 Datasheet HTML 2Page - STMicroelectronics STTH1302 Datasheet HTML 3Page - STMicroelectronics STTH1302 Datasheet HTML 4Page - STMicroelectronics STTH1302 Datasheet HTML 5Page - STMicroelectronics STTH1302 Datasheet HTML 6Page - STMicroelectronics STTH1302 Datasheet HTML 7Page - STMicroelectronics STTH1302 Datasheet HTML 8Page - STMicroelectronics STTH1302 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STTH1302
Characteristics
DocID8794 Rev 4
3/11
Table 5: Dynamic electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery
time
Tj = 25 °C
IF = 0.5 A,
Irr = 0.25 A,
IR = 1 A
-
16
25
ns
tfr
Forward recovery
time
IF = 6.5 A,
dIF/dt = 100 A/µs ,
VFR = 1.1 x VFmax,
-
70
ns
VFP
Forward recovery
voltage
IF = 6.5 A,
dIF/dt = 100 A/µs
-
2.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com