Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1302 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH1302
Description  High efficiency ultrafast diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1302 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH1302 Datasheet HTML 1Page - STMicroelectronics STTH1302 Datasheet HTML 2Page - STMicroelectronics STTH1302 Datasheet HTML 3Page - STMicroelectronics STTH1302 Datasheet HTML 4Page - STMicroelectronics STTH1302 Datasheet HTML 5Page - STMicroelectronics STTH1302 Datasheet HTML 6Page - STMicroelectronics STTH1302 Datasheet HTML 7Page - STMicroelectronics STTH1302 Datasheet HTML 8Page - STMicroelectronics STTH1302 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
STTH1302
4/11
DocID8794 Rev 4
1.1
Characteristics (curves)
Figure 1: Average forward power dissipation
versus average forward current (per diode)
Figure 2: Peak current versus duty cycle
(per diode)
Figure 3: Forward voltage drop versus forward
current (per diode)
Figure 4: Relative variation of thermal impedance
junction to case versus pulse duration
Figure 5: Average forward current versus ambient
temperature (δ = 0.5, per diode)
Figure 6: Junction capacitance versus reverse
voltage applied (typical values, per diode)
P
(W)
F(AV)
0
1
2
3
4
5
6
7
8
01
2
345
6
7
8
I
(A)
F(AV)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
P=5W
P=2W
P=10W
I (A)
M
δ
T
δ=tp/T
tp
IM
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VF (V)
IF (A)
Tj = 25 °C
Maximum values
Tj = 125 °C
Maximum values
Tj = 125 °C
Typical values
Zth
/ Rth
(j-c)
(j-c)
0.1
1.0
1.E-03
1.E-02
1.E-01
1.E+00
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
T
δ=tp/T
tp
tp(s)
0
1
2
3
4
5
6
7
8
0
25
50
75
100
125
150
175
T
(°C)
amb
Rth
=Rth
(j-a)
(j-c)
D²PAK (S=1cm²)
Rth
=50°C/W
(j-a)
D²PAK
I
(A)
F(AV)
10
100
1
10
100
1000
VR (V)
C (pF)
F = 1 MHz
Vosc = 30 mVRMS
Tj = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com