Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1302 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STTH1302
Description  High efficiency ultrafast diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1302 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STTH1302 Datasheet HTML 3Page - STMicroelectronics STTH1302 Datasheet HTML 4Page - STMicroelectronics STTH1302 Datasheet HTML 5Page - STMicroelectronics STTH1302 Datasheet HTML 6Page - STMicroelectronics STTH1302 Datasheet HTML 7Page - STMicroelectronics STTH1302 Datasheet HTML 8Page - STMicroelectronics STTH1302 Datasheet HTML 9Page - STMicroelectronics STTH1302 Datasheet HTML 10Page - STMicroelectronics STTH1302 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
STTH1302
10/11
DocID8794 Rev 4
3
Ordering information
Table 7: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STTH1302CG-TR
STTH1302CG
D2PAK
1.38 g
1000
Tape and reel
4
Revision history
Table 8: Document revision history
Date
Revision
Changes
27-Jun-2012
3
Initial version, previously mentioned as revision 2A.
21-Aug-2017
4
Updated features, package silhouette and Table 1: "Device
summary" in cover page.
Updated Section 1: "Characteristics", Section 1.1:
"Characteristics (curves)", Section 2: "Package information"
and Table 7: "Ordering information".



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com