Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1302 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1302
Description  High efficiency ultrafast diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1302 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1302 Datasheet HTML 1Page - STMicroelectronics STTH1302 Datasheet HTML 2Page - STMicroelectronics STTH1302 Datasheet HTML 3Page - STMicroelectronics STTH1302 Datasheet HTML 4Page - STMicroelectronics STTH1302 Datasheet HTML 5Page - STMicroelectronics STTH1302 Datasheet HTML 6Page - STMicroelectronics STTH1302 Datasheet HTML 7Page - STMicroelectronics STTH1302 Datasheet HTML 8Page - STMicroelectronics STTH1302 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
August 2017
DocID8794 Rev 4
1/11
This is information on a product in full production.
www.st.com
STTH1302
High efficiency ultrafast diode
Datasheet - production data
Features
Suited for SMPS
Low losses
Low forward and reverse recovery time
High surge current capability
High junction temperature
ECOPACK®2 compliant component for
D²PAK on demand
Description
Dual center tap rectifier suited for switch mode
power supplies and high frequency DC to DC
converters.
This device is especially intended for use in low
voltage, high frequency inverters, freewheeling
and polarity protection applications.
Table 1: Device summary
Symbol
Value
IF(AV)
2 x 6.5 A
VRRM
200 V
Tj (max)
175 °C
VF (typ)
0.81 V
trr (typ)
16 ns
K
K
A1
A1
A2
A2
D2PAK
A1
K
A2


Similar Part No. - STTH1302

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1302CFP STMICROELECTRONICS-STTH1302CFP Datasheet
112Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Aug-2002
STTH1302CFP STMICROELECTRONICS-STTH1302CFP Datasheet
116Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2003
STTH1302CG STMICROELECTRONICS-STTH1302CG Datasheet
112Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Aug-2002
STTH1302CG STMICROELECTRONICS-STTH1302CG Datasheet
116Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2003
STTH1302CG-TR STMICROELECTRONICS-STTH1302CG-TR Datasheet
112Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Aug-2002
More results

Similar Description - STTH1302

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH102 STMICROELECTRONICS-STTH102 Datasheet
106Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
21-Nov-2006
STTH152 STMICROELECTRONICS-STTH152 Datasheet
42Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH302 STMICROELECTRONICS-STTH302 Datasheet
43Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
07-Sep-2004
STTH3002C STMICROELECTRONICS-STTH3002C Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
BYT01-400 STMICROELECTRONICS-BYT01-400_01 Datasheet
47Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
STTH1302CT STMICROELECTRONICS-STTH1302CT_03 Datasheet
116Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2003
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
BYT03-400 STMICROELECTRONICS-BYT03-400 Datasheet
53Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com