Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX1264XUAEX Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI2DPX1264XUAEX
Description  1.8V 13.5Gbps DP 2.1 UHBR13.5/eDP 1.5 Linear ReDriver with AUX Listener For High-Resolution Video Connectivity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX1264XUAEX Datasheet(HTML) 1 Page - Diodes Incorporated

  PI2DPX1264XUAEX Datasheet HTML 1Page - Diodes Incorporated PI2DPX1264XUAEX Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The DIODES Advantage
The PI2DPX1264 is a 1.8V, 13.5Gbps, low-power, DP 2.1/eDP
1.5 linear ReDriver with AUX listener that provides optimized
signal integrity.
The PI2DPX1264 is a 13.5Gbps
DisplayPort (DP) 2.1 UHBR13.5/eDP 1.5
linear ReDriver in a 4-to-4 configuration
operated by a 1.8V power supply.
The device supports UHBR13.5, UHBR10,
HBR3, HBR2, HBR, and RBR under various
DP speeds. With its on-chip AUX channel
listener, the device automatically monitors
the system operation status and can enter
D3 power saving mode. The AUX listener
also monitors the link speed rate to auto-
select pre-defined equalization (EQ) and
flat-gain (FG) for optimized signal integrity
(SI).
The PI2DPX1264’s non-blocking linear
ReDriver design ensures that the differential
signals (conveying pre-shoot and de-
emphasis equalization waveforms from the
transmitter side to the receiver side) help
optimize the overall channel link adjustment
conducted by the system transmitter and
receiver.
Its CTLE equalizers are implemented at the
inputs of the ReDriver to compensate for
channel loss and reduce inter-symbol
interface (ISI) jitter. Programmable FG
adjustment enables opening of the eye
diagram. The CTLE EQ gains and flat gains
are individually programmable on each
channel for flexible tuning via I2C register
setting.
The PI2DPX1264 is available in the very
small 32-pin X2QFN (XUA32), with a
2.85mm x 4.5mm footprint, and operates
across the -40
C to +85C industrial
temperature range.
1.8V 13.5Gbps DP 2.1 UHBR13.5/eDP 1.5 Linear ReDriver
with AUX Listener For High-Resolution Video Connectivity
PI2DPX1264
▪ VESA DisplayPort 2.1 and eDP 1.5 Transmission Modes
Supports UHBR13.5 (13.5Gbps), UHBR10 (10Gbps),
HBR3 (8.1Gbps), HBR2 (5.4Gbps), HBR (2.7Gbps), and
RBR (1.62Gbps)
▪ Automatically Selects Pre-Defined EQ/FG Settings per
Data Rate
Provides a simple solution for optimizing SI and extending PCB
trace lengths
▪ Built-in AUX Listener and Power Down Mode Support with
Hot Plug Detect (HPD) Pin Input and DisplayPort AUX-Less
ALPM Mode
Enables low power use for laptops and tablets
▪ Transparent and Ultra-Low Latency Linear ReDriver
Improves signal integrity and system interoperation
compatibility within high-speed DP applications
▪ Thin and Small X2QFN-32 Package
Enables use in portable devices such as laptops
January 2025
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
All other trademarks are the property of their respective
owners.
© 2025 Copyright Diodes Incorporated. All Rights
Reserved.
Applications
▪ Laptops, tablets, and desktop PCs
▪ VR/AR goggles
▪ Embedded display panels
▪ Display monitors
▪ Gaming consoles
▪ Active cables


Similar Part No. - PI2DPX1264XUAEX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DPX1264XUAEX DIODES-PI2DPX1264XUAEX Datasheet
190Kb / 1P
13.5Gbps DP2.1 and eDP1.5 Linear ReDriver with AUX Listener
Rev 4-2 August 2024
More results

Similar Description - PI2DPX1264XUAEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3EQXDP1201 PERICOM-PI3EQXDP1201 Datasheet
1Mb / 16P
3.3V, 4-Ch DisplayPort 1.2 Redriver with Aux Listener/AutoTest mode
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
logo
Diodes Incorporated
PI3DPX1207B DIODES-PI3DPX1207B Datasheet
672Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and built-in Aux Switch
PI3DPX1207C DIODES-PI3DPX1207C Datasheet
838Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and Built-in Aux Switch
PI2DPX2020 DIODES-PI2DPX2020 Datasheet
1Mb / 39P
1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
Rev 5 - 2 July 2022
PI2DPX2023 DIODES-PI2DPX2023 Datasheet
1Mb / 23P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
Rev 4 - 2 July 2022
PI2DPX2063 DIODES-PI2DPX2063 Datasheet
1Mb / 36P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
Rev 2 - 2 July 2022
logo
Chrontel, Inc.
CH7513A CHRONTEL-CH7513A Datasheet
217Kb / 8P
CH7513A DP/eDP to LVDS or DP/eDP Converter
Rev 1.1 2023-05-05
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com