Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H533CEU6 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM32H533CEU6
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEU6 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM32H533CEU6 Datasheet HTML 41Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 42Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 43Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 44Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 45Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 46Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 47Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 48Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 231 page
background image
DS14539 Rev 1
45/231
STM32H533xx
Functional overview
60
•
Encryption mode
3.32
Public key accelerator (PKA)
The PKA is used for the computation of cryptographic public key primitives, specifically
those related to RSA, Diffie-Hellmann or ECC (elliptic curve cryptography) over GF(p)
(Galois fields). To achieve high performance at a reasonable cost, these operations are
executed in the Montgomery domain.
All needed computations are performed within the accelerator, so no further
hardware/software elaboration is needed to process the inputs or the outputs.
The PKA main features are:
•
Acceleration of RSA, DH and ECC over GF(p) operations, based on the Montgomery
method for fast modular multiplications. More specifically:
–
RSA modular exponentiation, RSA Chinese remainder theorem (CRT)
exponentiation
–
ECC scalar multiplication, point on curve check, complete addition, double base
ladder, projective to affine
–
ECDSA signature generation and verification
•
Capability to handle operands up to 4160 bits for RSA/DH and 640 bits for ECC
•
Arithmetic and modular operations such as addition, subtraction, multiplication,
modular reduction, modular inversion, comparison, and Montgomery multiplication
•
Built-in Montgomery domain inward and outward transformations
•
Protection against differential power analysis (DPA) and related side-channel attacks.
3.33
Timers and watchdogs
The devices include two advanced control timers, up to seven general-purpose timers, two
basic timers, six low-power timers, two watchdog timers and two SysTick timers.
Table 7 compares the features of the advanced control, general-purpose and basic timers.
Table 7. Timer features
Type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Complementary
outputs
Advanced
control
TIM1, TIM8
16 bits
Up, down,
up/down
Any integer
between 1 and
65536
Yes
43
General
purpose
TIM2, TIM5
32 bits
4
No
TIM3, TIM4
16 bits
4
No
General
purpose
TIM12, TIM15
16 bits
Up
2
1
Basic
TIM6, TIM7
16 bits
Up
0
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com