Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H533CEU6 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM32H533CEU6
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEU6 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32H533CEU6 Datasheet HTML 72Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 73Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 74Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 75Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 76Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 77Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 78Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 79Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 231 page
background image
-
-
-
39
65
E12
98
E11
PC8
I/O
FT_h
-
TRACED1, TIM3_CH3, TIM8_CH3,
USART6_CK, UART5_RTS,
FMC_NE2/FMC_NCE, FMC_INT,
FMC_ALE, SDMMC1_D0,
DCMI_D2/PSSI_D2, EVENTOUT
-
-
-
-
40
66
E11
99
E10
PC9
I/O
FT_fh
-
MCO2, TIM3_CH4, TIM8_CH4,
I2C3_SDA, AUDIOCLK, UART5_CTS,
OCTOSPI1_IO0, FMC_CLE,
SDMMC1_D1, DCMI_D3/PSSI_D3,
EVENTOUT
UCPD1_DB2
D2
29
29
41
67
E10
100
D12
PA8
I/O
FT_fh
-
MCO1, TIM1_CH1, TIM8_BKIN2,
I2C3_SCL, SPI1_RDY, SPI4_MOSI,
USART1_CK, I3C2_SCL, USB_SOF,
FMC_NOE, DCMI_D3/PSSI_D3,
EVENTOUT
-
-
30
30
42
68
D12
101
D11
PA9
I/O
FT_h
-
TIM1_CH2, LPUART1_TX, I2C3_SMBA,
SPI2_SCK/I2S2_CK, USART1_TX,
FMC_NWE, DCMI_D0/PSSI_D0,
EVENTOUT
UCPD1_DB1
-
31
31
43
69
D11
102
B12
PA10
I/O
FT_h
-
TIM1_CH3, LPUART1_RX, LPTIM2_IN2,
UCPD1_FRSTX, USART1_RX,
FDCAN2_TX, SDMMC1_D0,
DCMI_D1/PSSI_D1, EVENTOUT
-
C1
32
32
44
70
C12
103
C12
PA11
I/O
FT_u
-
TIM1_CH4, LPUART1_CTS,
SPI2_NSS/I2S2_WS, UART4_RX,
USART1_CTS/USART1_NSS,
FDCAN1_RX, USB_DM, EVENTOUT
-
Table 14. STM32H533xx pin/ball definition (continued)
Pin number(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com