Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H533CEU6 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM32H533CEU6
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEU6 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32H533CEU6 Datasheet HTML 63Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 64Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 65Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 66Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 67Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 68Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 69Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 70Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 231 page
background image
Table 14. STM32H533xx pin/ball definition
Pin number(1)
-
-
-
-
1
C1
1
B1
PE2
I/O
FT_h
-
TRACECLK, LPTIM1_IN2, SPI4_SCK,
OCTOSPI1_IO2, FMC_A23,
DCMI_D3/PSSI_D3, EVENTOUT
-
-
-
-
-
2
B3
2
C3
PE3
I/O
FT_h
-
TRACED0, TIM15_BKIN, FMC_A19,
EVENTOUT
TAMP_IN6/TAMP_OUT3
-
-
-
-
3
B2
3
C2
PE4
I/O
FT_h
-
TRACED1, TIM15_CH1N, SPI4_NSS,
FMC_A20, DCMI_D4/PSSI_D4,
EVENTOUT
TAMP_IN7/TAMP_OUT8
-
-
-
-
4C24
D3
PE5
I/O
FT_h
-
TRACED2, TIM15_CH1, SPI4_MISO,
FMC_A21, DCMI_D6/PSSI_D6,
EVENTOUT
TAMP_IN8/TAMP_OUT7
-
-
-
-
5
D2
5
E4
PE6
I/O
FT_h
-
TRACED3, TIM1_BKIN2, TIM15_CH2,
SPI4_MOSI, FMC_A22,
DCMI_D7/PSSI_D7, EVENTOUT
TAMP_IN3/TAMP_OUT6
--
-
-
-
D3
-
E5
VDD
S
-
-
-
-
-
-
-
-
-
C3
-
A1
VSS
S
-
-
-
-
B8
1
1
1
6
D1
6
C1
VBAT
S
-
-
-
-
-
-
-
-
-
C9
-
A12
VSS
S
-
-
-
-
C7
2
2
2
7
E3
7
E3
PC13
I/O
FT_t
(4)
EVENTOUT
TAMP_IN1/TAMP_OUT2/TAMP_
OUT3, RTC_OUT1/RTC_TS,
WKUP4
-
-
-
-
-
K3
-
C6
VSS
S
-
-
-
-
C11
3
3
3
8
E1
8
D2
PC14-
OSC32_IN
(OSC32_IN)
I/O
FT
-
EVENTOUT
OSC32_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com