Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H533CEU6 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32H533CEU6
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEU6 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32H533CEU6 Datasheet HTML 68Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 69Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 70Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 71Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 72Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 73Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 74Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 75Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 231 page
background image
-
-
-
-
-
-
54
L7
PF14
I/O
FT_fah
-
FMC_A8, EVENTOUT
ADC2_INP6, ADC2_INN2
-
-
-
-
-
-
55
K7
PF15
I/O
FT_fh
-
I3C1_SDA, FMC_A9, EVENTOUT
-
-
-
-
-
-
-
56
M8
PG0
I/O
FT_h
-
FMC_A10, EVENTOUT
-
-
-
-
-
-
-
-
H5
VSS
S
-
-
-
-
--
-
-
-
-
-
H6
VDD
S
-
-
-
-
-
-
-
-
-
-
57
J7
PG1
I/O
FT_h
-
SPI2_MOSI/I2S2_SDO, FMC_A11,
EVENTOUT
-
-
-
-
-
38
M6
58
L8
PE7
I/O
FT_ah
-
TIM1_ETR, OCTOSPI1_IO4,
FMC_D4/FMC_AD4, EVENTOUT
-
-
-
-
-
39
M7
59
M9
PE8
I/O
FT_ah
-
TIM1_CH1N, OCTOSPI1_IO5,
FMC_D5/FMC_AD5, EVENTOUT
-
-
-
-
-
40
M8
60
K8
PE9
I/O
FT_ah
-
TIM1_CH1, OCTOSPI1_IO6,
FMC_D6/FMC_AD6, EVENTOUT
-
-
-
-
-
-
-
61
H7
VSS
S
-
-
-
-
--
-
-
-
-
62
-
VDD
S
-
-
-
-
-
-
-
-
41
L8
63
L9
PE10
I/O
FT_ah
-
TIM1_CH2N, OCTOSPI1_IO7,
FMC_D7/FMC_AD7, EVENTOUT
-
-
-
-
-
42
M9
64
M10
PE11
I/O
FT_ah
-
TIM1_CH2, SPI1_RDY, SPI4_NSS,
OCTOSPI1_NCS, FMC_D8/FMC_AD8,
EVENTOUT
-
-
-
-
-
43
K8
65
K9
PE12
I/O
FT_h
-
TIM1_CH3N, SPI4_SCK,
FMC_D9/FMC_AD9, EVENTOUT
-
-
-
-
-
44
L9
66
M11
PE13
I/O
FT_h
-
TIM1_CH3, SPI4_MISO,
FMC_D10/FMC_AD10, EVENTOUT
-
Table 14. STM32H533xx pin/ball definition (continued)
Pin number(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com