Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H533CEU6 Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32H533CEU6
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEU6 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32H533CEU6 Datasheet HTML 73Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 74Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 75Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 76Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 77Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 78Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 79Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 80Page - STMicroelectronics STM32H533CEU6 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 231 page
background image
B2
33
33
45
71
C11
104
C11
PA12
I/O
FT_u
-
TIM1_ETR, LPUART1_RTS,
SPI2_SCK/I2S2_CK, UART4_TX,
USART1_RTS, FDCAN1_TX, USB_DP,
EVENTOUT
-
B4
34
34
46
72
B12
105
E9
PA13(JTMS/
SWDIO)
I/O
FT
(5)
JTMS/SWDIO, EVENTOUT
-
-
-
-
-
73
C10
106
C10
VDDUSB
S
-
-
-
-
F2
35
35
47
74
-
107
-
VSS
S
-
-
-
-
G1
36
36
48
75
-
108
-
VDD
S
-
-
-
-
A1
37
37
49
76
B11
109
B11
PA14(JTCK/
SWCLK)
I/O
FT
-
JTCK/SWCLK, EVENTOUT
-
A3
38
38
50
77
A11
110
E8
PA15
(JTDI)
I/O
FT
(5)
JTDI, TIM2_CH1, HDMI_CEC,
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS, USART1_TX,
UART4_RTS, OCTOSPI1_NCS,
FMC_NBL1, DCMI_D11/PSSI_D11,
TIM2_ETR, EVENTOUT
-
-
-
-
51
78
A12
111
A11
PC10
I/O
FT_h
-
I3C2_SCL, SPI3_SCK/I2S3_CK,
USART3_TX, UART4_TX,
OCTOSPI1_IO1, SDMMC1_D2,
DCMI_D8/PSSI_D8, EVENTOUT
-
-
-
-
52
79
A10
112
D9
PC11
I/O
FT_h
-
I3C2_SDA, SPI3_MISO/I2S3_SDI,
USART3_RX, UART4_RX,
OCTOSPI1_NCS, SDMMC1_D3,
DCMI_D4/PSSI_D4, EVENTOUT
-
-
-
-
53
80
B10
113
B10
PC12
I/O
FT_h
-
TRACED3, TIM15_CH1, LPTIM2_CH2,
SPI3_MOSI/I2S3_SDO, USART3_CK,
UART5_TX, SDMMC1_CK,
DCMI_D9/PSSI_D9, EVENTOUT
-
Table 14. STM32H533xx pin/ball definition (continued)
Pin number(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com