Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4047B Datasheet(PDF) 7 Page - STMicroelectronics

Part # 4047B
Description  LOW-POWELOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

4047B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 4047B Datasheet HTML 3Page - STMicroelectronics 4047B Datasheet HTML 4Page - STMicroelectronics 4047B Datasheet HTML 5Page - STMicroelectronics 4047B Datasheet HTML 6Page - STMicroelectronics 4047B Datasheet HTML 7Page - STMicroelectronics 4047B Datasheet HTML 8Page - STMicroelectronics 4047B Datasheet HTML 9Page - STMicroelectronics 4047B Datasheet HTML 10Page - STMicroelectronics 4047B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Typical Output High (source) Current Charac-
teristics.
Minimum Output High (source) Current Charac-
teristics.
APPLICATION INFORMATION
1 - CIRCUIT DESCRIPTION
Astable operation is enabled by a high level on the
ASTABLE input. The period of the square wave at
the Q and Q Outputs in this mode of operation is a
function of the external components employed.
”True” input pulses on the ASTABLE input or ”Com-
plement” pulses on the ASTABLE input allow the cir-
cuit to be used as a gatable multivibrator. The
OSCILLATOR output period will be half of the Q ter-
minal output in the astable mode. However, a 50%
duty cycle is not guaranteed at this output. In the
monostable mode, positive-edge triggering is ac-
complished by application of a leading-edge pulse
to the +TRIGGER input and a low level to the –TRI-
GGER input. For negative-edge triggering, a trail-
ing-edge pulse is applied to the –TRIGGER and a
high level is applied to the +TRIGGER. Input pulses
may be of any duration relative to the output pulse.
The multivibrator can be retriggered (on the leading
edge only) by applying a common pulse to both the
RETRIGGER and +TRIGGER inputs. In this mode
the output pulse remains high as long as the input
pulse period is shorter than the period determined
by the RC components. An external countdown op-
tion can be implemented by coupling ”Q” to an ex-
ternal ”N” counter and resetting the counter with the
trigger pulse. The counter output pulse is fed back
to the ASTABLE input and has a duration equal to
N times the period of the multivibrator. A high level
on the EXTERNAL RESET input assures no output
pulse during an ”ON” power condition. This input
can also be activated to terminate the output pulse
at any time. In the monostable mode, a high-level or
power-on reset pulse, must be applied to the EX-
TERNAL RESET whenever VDD is applied.
2 - ASTABLE MODE
The following analysis presents worst-case vari-
ations from unit-to-unit as a function of transfer-volt-
age (VTR) shift (33% – 67% VDD) for free-running
(astable) operation.
HCC/HCF4047B
7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com