Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4047B Datasheet(PDF) 9 Page - STMicroelectronics

Part # 4047B
Description  LOW-POWELOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

4047B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button 4047B Datasheet HTML 5Page - STMicroelectronics 4047B Datasheet HTML 6Page - STMicroelectronics 4047B Datasheet HTML 7Page - STMicroelectronics 4047B Datasheet HTML 8Page - STMicroelectronics 4047B Datasheet HTML 9Page - STMicroelectronics 4047B Datasheet HTML 10Page - STMicroelectronics 4047B Datasheet HTML 11Page - STMicroelectronics 4047B Datasheet HTML 12Page - STMicroelectronics 4047B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Figure A : Retrigger-mode Waveforms.
5 - EXTERNAL COUNTER OPTION
Time tM can be extended by any amount with the use
of external counting circuitry. Advantages include
digitally controlled pulse duration, small timing capa-
citors for long time periods, and extremely fast re-
covery time.
A typical implementation is shown in fig. B. The
pulse duration at the output is
text =(N – 1) (tA)+ (tM +tA/2)
Where text = pulse duration of the circuitry, and N is
the number of counts used.
Figure B : Implementation of External Counter Option.
6 - POWER CONSUMPTION
In the standby mode (Monostable or Astable),
power dissipation will be a function of leakage cur-
rent in the circuit, as shown in the static electrical
characteristics. For dynamic operation, the power
needed to charge the external timing capacitor C is
given by the following formula :
Astable Mode : P = 2CV
2f. (Output at Pin 13)
P = 4CV
2f. (Output at Pin 10 and 11)
(2.9CV
2) (Duty Cycle)
Monostable Mode : P =
T
(Output at Pin 10 and 11)
The circuit is designed so that most of the total
power is consumed in the external components. In
practice, the lower the values of frequency and volt-
age used, the closer the actual power dissipation will
be to the calculated value.
Because the power dissipation does not depend on
R, a design for minimum power dissipation would be
a small value of C. The value of R would depend on
the desired period (within the limitations discussed
above).
7 - TIMING-COMPONENT LIMITATIONS
The capacitor used in the circuit should be non-po-
larized and have low leakage (i.e. the parallel resist-
ance of the capacitor should be an order of
magnitude greater than the external resistor used).
Three is no upper or lower limit for either R or C value
to maintain oscillation.
However, in consideration of accuracy, C must be
much larger than the inherent stray capacitance in
HCC/HCF4047B
9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com