Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4047B Datasheet(PDF) 8 Page - STMicroelectronics

Part # 4047B
Description  LOW-POWELOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

4047B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 4047B Datasheet HTML 4Page - STMicroelectronics 4047B Datasheet HTML 5Page - STMicroelectronics 4047B Datasheet HTML 6Page - STMicroelectronics 4047B Datasheet HTML 7Page - STMicroelectronics 4047B Datasheet HTML 8Page - STMicroelectronics 4047B Datasheet HTML 9Page - STMicroelectronics 4047B Datasheet HTML 10Page - STMicroelectronics 4047B Datasheet HTML 11Page - STMicroelectronics 4047B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
VTR
t1 = – RC In
VDD +VTR
VDD –VTR
t2 = – RC In
2VDD –VTR
(VTR)(VDD –VTR)
tA =2 (t1 +t2) = –2 RC In
(VDD +VTR)(2 VDD –VTR)
ASTABLE MODE WAVEFORMS.
Typ : VTR = 0.5 VDD tA = 4.40 RC
Min : VTR = 0.33 VDD tA = 4.62 RC
Max : VTR = 0.67 VDD tA = 4.62 RC
thus if
tA = 4.40 RC
is used, the maximum vari-
ation will be (+ 5.0%, – 0.0%)
In addition to variations from unit-to-unit, the astable
period may vary as a function of frequency with re-
spect to VDD and temperature.
3 - MONOSTABLE MODE
The following analysis presents worst-case vari-
ations from unit-to-unit as a function of transfer-volt-
age (VTR) shift (33% – 67% VDD) for one-shot
(monostable) operation.
VTR
t1 = – RC In
2VDD
VDD –VTR
t2 = – RC In
2VDD –VTR
(VTR)(VDD –VTR)
tM =(t1 +t2)= – RC In
(2 VDD –VTR)(2 VDD)
MONOSTABLE WAVEFORMS.
Where tM = monostable mode pulse width. Values
for tM are as follows :
Typ : VTR = 0.5
VDD tM = 2.48 RC
Min : VTR = 0.33 VDD tM = 2.71 RC
Max : VTR = 0.67 VDD tM = 2.48 RC
Thus if
tM = 2.48 RC is used, the maximum vari-
ation will be (+ 9.3%, – 0.0%).
Note : In the astable mode, the first positive half
cycle has a duration of TM ; succeeding dur-
ations are tA/2.
In addition to variations from unit to unit, the mono-
stable pulse width may vary as a function of fre-
quency with respect to VDD and temperature.
4 - RETRIGGER MODE
The HCC/HCF4047B can be used in the retrigger
mode to extend the output-pulse duration, or to com-
pare the frequency of an input signal with that of the
internal oscillator. In the retrigger mode the input
pulse is applied to terminals 8 and 12, and the output
is taken from terminal 10 or 11. As shown in fig. A
normal monostable action is obtained when one re-
trigger pulse is applied. Extended pulse duration is
obtained when more than one pulse is applied. For
two input pulses, tRE =t1’+ t1 +2t2. For more than
two pulses, tRE (Q OUTPUT) terminates at some
variable time tD after the termination of the last re-
trigger pulse. tD is variable because tRE (Q OUT-
PUT) terminates after the second positive edge of
the oscillator output appears at flip-flop 4 (see logic
diagram).
HCC/HCF4047B
8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com