Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4047B Datasheet(PDF) 1 Page - STMicroelectronics

Part # 4047B
Description  LOW-POWELOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

4047B Datasheet(HTML) 1 Page - STMicroelectronics

  4047B Datasheet HTML 1Page - STMicroelectronics 4047B Datasheet HTML 2Page - STMicroelectronics 4047B Datasheet HTML 3Page - STMicroelectronics 4047B Datasheet HTML 4Page - STMicroelectronics 4047B Datasheet HTML 5Page - STMicroelectronics 4047B Datasheet HTML 6Page - STMicroelectronics 4047B Datasheet HTML 7Page - STMicroelectronics 4047B Datasheet HTML 8Page - STMicroelectronics 4047B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HCC/HCF4047B
June 1989
LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
.
LOW POWER CONSUMPTION : SPECIAL
COS/MOS OSCILLATOR CONFIGURATION
.
MONOSTABLE (one-shot) OR ASTABLE (free-
running) OPERATION
.
TRUE AND COMPLEMENTED BUFFERED
OUTPUTS
.
ONLY ONE EXTERNAL R AND C REQUIRED
.
BUFFERED INPUTS
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
STANDARDIZED, SYMMETRICAL OUTPUT
CHARACTERISTICS
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°13A, ”STANDARD SPE-
CIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
DESCRIPTION
The HCC4047B (extended temperature range) and
HCF4047B (intermediate temperature range) are
monolithic integrated circuits, available in 14-lead
dual in-line plastic or ceramic package and plas-
tic micropackage. The HCC/HCF4047B consists of
a gatable astable multivibrator with logic techniques
incorporated to permit positive or negative edge-
triggered monostable multivibrator action with retrig-
gering and external counting options. Inputs include
+TRIGGER -TRIGGER, ASTABLE, ASTABLE, RE-
TRIGGER, and EXTERNAL RESET. Buffered out-
puts are Q, Q, and OSCILLATOR. In all modes of
operation, an external capacitor must be connected
between C-Timing and RC-Common terminals, and
an external resistor must be connected between the
R-Timing and RC-Common terminals. For operating
modes see functional terminal connections and ap-
plication notes.
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
M1
(Micro Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC4047BF
HCF4047BM1
HCF4047BEY
HCF4047BC1
PIN CONNECTIONS
1/15


Similar Part No. - 4047B

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
4047B BK-4047B Datasheet
1Mb / 4P
20 MHz Dual Channel Function / Arbitrary Generator
More results

Similar Description - 4047B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4047B PHILIPS-HEF4047B Datasheet
279Kb / 15P
Monostable/astable multivibrator
January 1995
logo
Texas Instruments
CD4047B TI-CD4047B Datasheet
508Kb / 15P
CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC Datasheet
85Kb / 9P
Low Power Monostable/Astable Multivibrator
logo
Intersil Corporation
CD4047BMS INTERSIL-CD4047BMS Datasheet
127Kb / 15P
CMOS Low-Power Monostable/Astable Multivibrator
December 1992
logo
National Semiconductor ...
CD4047BC NSC-CD4047BC Datasheet
138Kb / 6P
Low Power Monostable/Astable Multivibrator
CD4047BM NSC-CD4047BM Datasheet
138Kb / 6P
Low Power Monostable/Astable Multivibrator
logo
Micro Electronics
MMC4047 MICRO-ELECTRONICS-MMC4047 Datasheet
240Kb / 6P
LOW POWER MONOSTABLE ASTABLE MULTIVIBRATOR
logo
STMicroelectronics
HCF4047B STMICROELECTRONICS-HCF4047B Datasheet
799Kb / 12P
LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
Sep-2001
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC_02 Datasheet
94Kb / 9P
Low Power Monostable/Astable Multivibrator
logo
Nexperia B.V. All right...
HEF4047B NEXPERIA-HEF4047B Datasheet
276Kb / 22P
Monostable/astable multivibrator
Rev. 6 - 17 March 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com