Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4047B Datasheet(PDF) 10 Page - STMicroelectronics

Part # 4047B
Description  LOW-POWELOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

4047B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 4047B Datasheet HTML 6Page - STMicroelectronics 4047B Datasheet HTML 7Page - STMicroelectronics 4047B Datasheet HTML 8Page - STMicroelectronics 4047B Datasheet HTML 9Page - STMicroelectronics 4047B Datasheet HTML 10Page - STMicroelectronics 4047B Datasheet HTML 11Page - STMicroelectronics 4047B Datasheet HTML 12Page - STMicroelectronics 4047B Datasheet HTML 13Page - STMicroelectronics 4047B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
the system (unless this capacitance can be
measured and taken into account). R must be much
larger than the COS/MOS ”ON” resistance in series
with it, which typically is hundreds of ohms. In addi-
tion, with very large values of R, some short-term in-
stability with respect to time may be noted.
The recommended values for these components to
maintain agreement with previously calculated for-
mulas without trimming should be :
C
≥ 100pF, up to any practical value, for astable
modes ;
C
≥ 1000pF, up to any practical value, for mono-
stable modes.
10K
Ω ≤ R ≤ 1MΩ.
TEST CIRCUITS
Quiescent Device Current.
Input Voltage.
Input Current.
HCC/HCF4047B
10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com