Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54526PWPR.B Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS54526PWPR.B
Description  TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Ecomode ™
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54526PWPR.B Datasheet(HTML) 2 Page - Texas Instruments

  TPS54526PWPR.B Datasheet HTML 1Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 2Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 3Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 4Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 5Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 6Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 7Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 8Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 Handling Ratings.........................................................4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics.............................................5
6.6 Timing Requirements..................................................6
6.7 Typical Characteristics................................................ 7
7 Detailed Description........................................................8
7.1 Overview..................................................................... 8
7.2 Functional Block Diagram........................................... 8
7.3 Feature Description.....................................................9
7.4 Device Functional Modes..........................................11
8 Application and Implementation.................................. 12
8.1 Application Information............................................. 12
8.2 Typical Application.................................................... 12
9 Power Supply Recommendations................................17
10 Layout...........................................................................18
10.1 Layout Guidelines................................................... 18
10.2 Layout Example...................................................... 19
11 Device and Documentation Support..........................21
11.1 Receiving Notification of Documentation Updates.. 21
11.2 Support Resources................................................. 21
11.3 Trademarks............................................................. 21
11.4 Electrostatic Discharge Caution.............................. 21
11.5 Glossary.................................................................. 21
12 Mechanical, Packaging, and Orderable
Information.................................................................... 22
12.1 Thermal Information................................................22
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (June 2014) to Revision D (April 2021)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document. ................1
• Updated Equation 3 ......................................................................................................................................... 13
Changes from Revision B (January 2014) to Revision C (June 2014)
Page
• Changed the data sheet to the new TI standard format .................................................................................... 1
• Added the Handling Ratings table...................................................................................................................... 4
• Added the Timing Requirements table................................................................................................................6
• Added the Power Supply Recommendations section.......................................................................................17
Changes from Revision A (July 2013) to Revision B (January 2014)
Page
• Change the data sheet Title From: 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Eco-
mode™ To: 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter with Eco-mode™.............................1
Changes from Revision * (May 2012) to Revision A (May 2013)
Page
• Changed the Over/Under Voltage Protection section. From: "as the high-side MOSFET driver turns off and
the low-side MOSFET turns on" To: "as both the high-side and low-side MOSFET drivers turn off"............... 10
TPS54526
SLVSB84D – MAY 2012 – REVISED APRIL 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS54526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com