Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54526PWPR.B Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS54526PWPR.B
Description  TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Ecomode ™
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54526PWPR.B Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54526PWPR.B Datasheet HTML 5Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 6Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 7Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 8Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 9Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 10Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 11Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 12Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
7.3 Feature Description
7.3.1 PWM Operation
The main control loop of the TPS54526 is an adaptive on-time pulse width modulation (PWM) controller that
supports a proprietary D-CAP2™ mode control. D-CAP2™ mode control combines constant on-time control with
an internal compensation circuit for pseudo-fixed frequency and low external component count configuration with
both low ESR and ceramic output capacitors. It is stable with virtually no ripple at the output.
At the beginning of each cycle, the high-side MOSFET is turned on. The MOSFET is turned off after the internal
one-shot timer expires. The one-shot timer is set by the converter input voltage, VIN, and the output voltage, VO,
to maintain a pseudo-fixed frequency over the input voltage range, hence it is called adaptive on-time control.
The one-shot timer is reset and the high-side MOSFET is turned on again when the feedback voltage falls below
the reference voltage. An internal ramp is added to reference voltage to simulate output ripple, eliminating the
need for ESR induced output ripple from D-CAP2™ mode control.
7.3.2 PWM Frequency and Adaptive On-Time Control
TPS54526 uses an adaptive on-time control scheme and does not have a dedicated on board oscillator. The
TPS54526 runs with a pseudo-constant frequency of 650 kHz by using the input voltage and output voltage to
set the on-time one-shot timer. The on-time is inversely proportional to the input voltage and proportional to the
output voltage, therefore, when the duty ratio is VOUT/VIN, the frequency is constant.
7.3.3 Soft Start and Pre-Biased Soft Start
The soft start function is adjustable. When the EN pin becomes high, 6 μA current begins charging the capacitor
which is connected from the SS pin to GND. Smooth control of the output voltage is maintained during start up.
The equation for the slow start time is shown in Equation 1. VFB voltage is 0.765 V and SS pin source current is
6 μA.
(nF) x V
(nF) x 0.765 1.1
REF
SS
SS
t
(ms) =
=
SS
I
( A)
SS
C
1.1
C
6
´
m
´
(1)
The TPS54526 contains a unique circuit to prevent current from being pulled from the output during startup if
the output is pre-biased. When the soft-start commands a voltage higher than the pre-bias level (internal soft
start becomes greater than feedback voltage VFB), the controller slowly activates synchronous rectification by
starting the first low side FET gate driver pulses with a narrow on-time. It then increments that on-time on a
cycle-by-cycle basis until it coincides with the time dictated by (1-D), where D is the duty cycle of the converter.
This scheme prevents the initial sinking of the pre-bias output, and ensure that the out voltage (VO) starts and
ramps up smoothly into regulation and the control loop is given time to transition from pre-biased start-up to
normal mode operation.
7.3.4 Power Good
The TPS54526 has power-good open drain output. The power good function is activated after soft start has
finished. The power good function becomes active after 1.7 times soft-start time. When the output voltage
is within -10% of the target value, internal comparators detect power good state and the power good signal
becomes high. Rpg resister value ,which is connected between PG and VREG5, is required from 25kΩ to
150kΩ. If the feedback voltage goes under 15% of the target value, the power good signal becomes low after a 5
μs internal delay.
7.3.5 VREG5
VREG5 is an internally generated voltage source used by the TPS54526. It is derived directly from the input
voltage and is nominally regulated to 5.5 V when the input voltage is above 5.6 V. The output of the VREG5
regulator is the input to the internal UVLO function. VREG5 must be above the UVLO wake up threshold voltage
(3.6 V typical) for the TPS54526 to function. Connect a 1 µF capacitor between pin 3 of the TPS54526 and
power ground for proper regulation of the VREG5 output. The VREG5 output voltage is available for external
use. It is recommended to use no more than 5 mA for external loads. The VREG5 output is disabled when the
TPS54526 EN pin is open or pulled low.
www.ti.com
TPS54526
SLVSB84D – MAY 2012 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS54526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com