Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54526PWPR.B Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS54526PWPR.B
Description  TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Ecomode ™
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54526PWPR.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54526PWPR.B Datasheet HTML 9Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 10Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 11Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 12Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 13Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 14Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 15Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 16Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
• Output voltage ripple
• Input voltage ripple
8.2.2.2 Output Voltage Resistors Selection
The output voltage is set with a resistor divider from the output node to the VFB pin. It is recommended to use
1% tolerance or better divider resistors. Start by using Equation 3 to calculate VOUT
To improve efficiency at very light loads consider using larger value resistors, too high of resistance will be more
susceptible to noise and voltage errors from the VFB input current will be more noticeable
OUT
R1
V
0.7651
0.0011
VOUT _ SET
1
R2
where VOUT _ SET is t arget VOUT voltage
§
·
u
u ¨
¸
©
¹
(3)
8.2.2.3 Output Filter Selection
The output filter used with the TPS54526 is an LC circuit. This LC filter has double pole at:
1
2
P
OUT
OUT
F
L
C
p
=
´
(4)
At low frequencies, the overall loop gain is set by the output set-point resistor divider network and the internal
gain of the TPS54526. The low frequency phase is 180 degrees. At the output filter pole frequency, the gain
rolls off at a -40 dB per decade rate and the phase drops rapidly. D-CAP2™ introduces a high frequency zero
that reduces the gain roll off to –20 dB per decade and increases the phase to 90 degrees one decade above
the zero frequency. The inductor and capacitor selected for the output filter must be selected so that the double
pole of Equation 4 is located below the high frequency zero but close enough that the phase boost provided be
the high frequency zero provides adequate phase margin for a stable circuit. To meet this requirement use the
values recommended in Table 8-2
Table 8-2. Recommended Component Values
Output Voltage (V)
R1 (kΩ)
R2 (kΩ)
C4 (pF)(1)
L1 (µH)
C8 + C9 (µF)
1
6.81
22.1
1.0 - 1.5
22 - 68
1.05
8.25
22.1
1.0 - 1.5
22 - 68
1.2
12.7
22.1
1.0 - 1.5
22 - 68
1.5
21.5
22.1
1.5
22 - 68
1.8
30.1
22.1
5 - 22
1.5
22 - 68
2.5
49.9
22.1
5 - 22
2.2
22 - 68
3.3
73.2
22.1
5 - 22
2.2
22 - 68
5
124
22.1
5 - 22
3.3
22 - 68
(1)
Optional
For higher output voltages at or above 1.8 V, additional phase boost can be achieved by adding a feed forward
capacitor (C4) in parallel with R1.
Since the DC gain is dependent on the output voltage, the required inductor value increases as the output
voltage increases. For higher output voltages above 1.8 V, additional phase boost can be achieved by adding a
feed forward capacitor (C4) in parallel with R1
The inductor peak-to-peak ripple current, peak current and RMS current are calculated using Equation 5,
Equation 6 and Equation 7. The inductor saturation current rating must be greater than the calculated peak
current and the RMS or heating current rating must be greater than the calculated RMS current. Use 650 kHz for
fSW.
www.ti.com
TPS54526
SLVSB84D – MAY 2012 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS54526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com