Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54526PWPR.B Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS54526PWPR.B
Description  TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Ecomode ™
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54526PWPR.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54526PWPR.B Datasheet HTML 4Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 5Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 6Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 7Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 8Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 9Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 10Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 11Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
7 Detailed Description
7.1 Overview
The TPS54526 is a 5.5-A synchronous step-down (buck) converter with two integrated N-channel MOSFETs
and auto-skip Eco-mode™ to improve light lode efficiency. It operates using D-CAP2™ mode control. The fast
transient response of D-CAP2™ control reduces the output capacitance required to meet a specific level of
performance. Proprietary internal circuitry allows the use of low ESR output capacitors including ceramic and
special polymer types.
7.2 Functional Block Diagram
EN
VO
VFB
GND
VO
4
6
9
1
2
7
SS
VIN
5
VREG
EN
Logic
UV
OV
Protection
Logic
Ref
SS
UV
OV
UVLO
UVLO
Softstart
SS
REF
TSD
Ref
VREG5
5
PG
1 F
m
13
Ceramic
Capacitor
3
SGND
SGND
PGND
+25%
-10%
Ref
VREG5
VREG5
Control logic
1 shot
XCON
-35%
OCP
SW
PGND
ZC
SW
PGND
VIN
SW1
VBST
10
11
12
VIN1
VIN2
14
SW2
PGND1
8
PGND2
A.
The block diagram shown is for the PWP 14 pin package. The QFN 16 pin package block diagram is identical except for the pin out.
TPS54526
SLVSB84D – MAY 2012 – REVISED APRIL 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS54526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com