Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54526PWPR.B Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS54526PWPR.B
Description  TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Ecomode ™
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54526PWPR.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54526PWPR.B Datasheet HTML 2Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 3Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 4Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 5Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 6Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 7Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 8Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 9Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
over operating free-air temperature range, VIN = 12V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
Iocl
Current limit
LOUT = 1.5 μH(1),
6.1
6.9
8.4
A
THERMAL SHUTDOWN
TSDN
Thermal shutdown threshold
Shutdown temperature (1)
165
°C
Hysteresis (1)
35
SOFT START
ISSC
SS charge current
VSS = 1.0 V
4.2
6.0
7.8
μA
ISSD
SS discharge current
VSS = 0.5 V
0.1
0.2
mA
POWER GOOD
VTHPG
PG threshold
VVFB rising (good)
85
90
95
%
VVFB falling (fault)
85
%
IPG
PG sink current
VPG = 0.5 V
2.5
5
mA
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
VOVP
Output OVP trip threshold
OVP detect
120
125
130
%
VUVP
Output UVP trip threshold
UVP detect
60
65
70
%
Hysteresis
10
%
UVLO
VUVLO
UVLO threshold
Wake up VREG5 voltage
3.31
3.61
3.91
V
Fall VREG5 voltage
2.82
3.12
3.42
Hysteresis VREG5 voltage
0.37
0.49
0.61
(1)
Not production tested.
6.6 Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ON-TIME TIMER CONTROL
tON
On time
VIN = 12 V, VO = 1.05 V
155
ns
tOFF(MIN)
Minimum off time
TA = 25°C, VFB = 0.7 V
260
330
ns
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
tOVPDEL
Output OVP prop delay
10
μs
tUVPDEL
Output UVP delay
0.25
ms
tUVPEN
Output UVP enable delay
Relative to soft-start time
x 1.7
TPS54526
SLVSB84D – MAY 2012 – REVISED APRIL 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS54526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com