Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB221EDRCRG4.B Datasheet(PDF) 22 Page - Texas Instruments

Part # TS3USB221EDRCRG4.B
Description  TS3USB221E High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer – Demultiplexer Switch With Single Enable and IEC Level 3 ESD Protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB221EDRCRG4.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button TS3USB221EDRCRG4.B Datasheet HTML 18Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 19Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 20Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 21Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 22Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 23Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 24Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 25Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.6
0.5
0.05
0.00
2X
1.5
6X 0.5
8X
0.4
0.3
4X
0.3
0.2
2X
0.45
0.35
4X
0.25
0.15
2X
0.35
0.25
B
1.55
1.45
A
2.05
1.95
(0.12)
TYP
UQFN - 0.6 mm max height
RSE0010A
PLASTIC QUAD FLATPACK - NO LEAD
4220307/A 03/2020
PIN 1 INDEX AREA
SEATING PLANE
0.05 C
1
4
5
10
0.1
C A B
0.05
C
6
9
SYMM
SYMM
0.1
C A B
0.05
C
0.1
C A B
0.05
C
PIN 1 ID
(45 X 0.1)
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
SCALE 7.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com