Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB221EDRCRG4.B Datasheet(PDF) 1 Page - Texas Instruments

Part # TS3USB221EDRCRG4.B
Description  TS3USB221E High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer – Demultiplexer Switch With Single Enable and IEC Level 3 ESD Protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB221EDRCRG4.B Datasheet(HTML) 1 Page - Texas Instruments

  TS3USB221EDRCRG4.B Datasheet HTML 1Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 2Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 3Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 4Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 5Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 6Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 7Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 8Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TS3USB221E High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer – Demultiplexer Switch
With Single Enable and IEC Level 3 ESD Protection
1 Features
• VCC operation of 2.3V to 3.6V
• Switch I/OS accept signals up to 5.5V
• 1.8V compatible control-pin inputs
• Low-power mode when OE is disabled (1μA)
• rON = 6Ω maximum
• ΔrON = 0.2Ω typical
• CIO(ON) = 7pf maximum
• Low power consumption (30μA maximum)
• ESD performance tested:
– 7000V human body model per JEDEC JS-001
– 1000V charged-device model per JEDEC
JS-002
• ESD performance I/O port to GND:
– 12kV human body model (JEDEC JS-001)
– ±7kV contact discharge (IEC 61000-4-2)
• High bandwidth (1GHz typical)
2 Applications
• Routes signals for USB 1.0, 1.1, and 2.0
• Mobile phones
• Digital cameras
• Notebooks
• USB I/O expansion
• MHL 1.0
3 Description
The TS3USB221E is a high-bandwidth switch
specially designed for the switching of high-speed
USB
2.0
signals
in
handset
and
consumer
applications, such as cell phones, digital cameras,
and notebooks with hubs or controllers with limited
USB I/Os. The wide bandwidth (1GHz) of this switch
allows signals to pass with minimum edge and phase
distortion. The device multiplexes differential outputs
from a USB host device to one of two corresponding
outputs. The switch is bidirectional and offers little
or no attenuation of the high-speed signals at the
outputs. The TS3USB221E is designed for low bit-to-
bit skew and high channel-to-channel noise isolation,
and is compatible with various standards, such as
high-speed USB 2.0 (480Mbps).
The TS3USB221E integrates ESD protection cells on
all pins, is available in a SON package (3mm ×
3mm) as well as in a tiny μQFN package (2mm
× 1.5mm) and is characterized over the free-air
temperature range from –40°C to 85°C.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TS3USB221E
DRC (VSON, 10)
3mm × 3mm
RSE (UQFN, 10)
2mm × 1.5mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
D−
D+
1D−
1D+
2D−
2D+
S
OE
Digital Control
Block Diagram
A
EN (see Note A)
B
Charge
Pump
VCC
A.
EN is the internal enable signal applied to the switch.
Simplified Schematic, Each FET Switch (SW)
TS3USB221E
SCDS263E – SEPTEMBER 2009 – REVISED JULY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TS3USB221EDRCRG4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221EDRCR TI-TS3USB221EDRCR Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE AND IEC LEVEL 3 ESD PROTECTION
More results

Similar Description - TS3USB221EDRCRG4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E Datasheet
705Kb / 15P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221E TI-TS3USB221E Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE AND IEC LEVEL 3 ESD PROTECTION
TS3USB221A TI-TS3USB221A_10 Datasheet
843Kb / 17P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A-Q1 TI1-TS3USB221A-Q1 Datasheet
868Kb / 18P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI1-TS3USB30E_13 Datasheet
1Mb / 20P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A_15 Datasheet
1Mb / 25P
TS3USB221A ESD Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer and Demultiplexer Switch With Single Enable
TS3USB221 TI1-TS3USB221_17 Datasheet
1Mb / 27P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com