Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB221EDRCRG4.B Datasheet(PDF) 6 Page - Texas Instruments

Part # TS3USB221EDRCRG4.B
Description  TS3USB221E High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer – Demultiplexer Switch With Single Enable and IEC Level 3 ESD Protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB221EDRCRG4.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS3USB221EDRCRG4.B Datasheet HTML 2Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 3Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 4Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 5Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 6Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 7Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 8Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 9Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
5.6 Dynamic Electrical Characteristics, VCC = 3.3 V ±10%
over operating range, TA = –40°C to 85°C, VCC = 3.3 V ±10%, GND = 0 V
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
XTALK
Crosstalk
RL = 50 , f = 250 MHz
–40
dB
OIRR
OFF isolation
RL = 50 , f = 250 MHz
–40
dB
BW
Bandwidth (–3 dB)
RL = 50
1
GHz
(1)
For Maximum or Minimum conditions, use the appropriate value specified under Electrical Characteristics for the applicable device
type.
5.7 Dynamic Electrical Characteristics, VCC = 2.5 V ±10%
over operating range, TA = –40°C to 85°C, VCC = 2.5 V ±10%, GND = 0 V
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
XTALK
Crosstalk
RL = 50 , f = 250 MHz
-39
dB
OIRR
OFF isolation
RL = 50 , f = 250 MHz
-40
dB
BW
Bandwidth (3 dB)
RL = 50
1
GHz
(1)
For Maximum or Minimum conditions, use the appropriate value specified under Electrical Characteristics for the applicable device
type.
5.8 Switching Characteristics, VCC = 3.3 V ±10%
over operating range, TA = –40°C to 85°C, VCC = 3.3 V ±10%, GND = 0 V
PARAMETER
MIN
TYP(1)
MAX
UNIT
tpd
Propagation delay(2) (3)
0.25
ns
tON
Line enable time
S to D, nD
30
ns
OE to D, nD
17
tOFF
Line disable time
S to D, nD
12
ns
OE to D, nD
10
tSK(O)
Output skew between center port to any other port(2)
0.1
0.2
ns
tSK(P)
Skew between opposite transitions of the same output (tPHL– tPLH)(2)
0.1
0.2
ns
(1)
For Maximum or Minimum conditions, use the appropriate value specified under Electrical Characteristics for the applicable device
type.
(2)
Specified by design
(3)
The bus switch contributes no propagation delay other than the RC delay of the on resistance of the switch and the load capacitance.
The time constant for the switch alone is of the order of 0.25 ns for 10-pF load. Because this time constant is much smaller than the
rise/fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when
used in a system, is determined by the driving circuit on the driving side of the switch and its interactions with the load on the driven
side.
5.9 Switching Characteristics, VCC = 2.5 V ±10%
over operating range, TA = –40°C to 85°C, VCC = 2.5 V ±10%, GND = 0 V
PARAMETER
MIN
TYP(1)
MAX
UNIT
tpd
Propagation delay(2) (3)
0.25
ns
tON
Line enable time
S to D, nD
50
ns
OE to D, nD
32
tOFF
Line disable time
S to D, nD
23
ns
OE to D, nD
12
tSK(O)
Output skew between center port to any other port(2)
0.1
0.2
ns
tSK(P)
Skew between opposite transitions of the same output (tPHL– tPLH)(2)
0.1
0.2
ns
(1)
For Maximum or Minimum conditions, use the appropriate value specified under Electrical Characteristics for the applicable device
type.
(2)
Specified by design
TS3USB221E
SCDS263E – SEPTEMBER 2009 – REVISED JULY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TS3USB221E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com