Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB221EDRCRG4.B Datasheet(PDF) 5 Page - Texas Instruments

Part # TS3USB221EDRCRG4.B
Description  TS3USB221E High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer – Demultiplexer Switch With Single Enable and IEC Level 3 ESD Protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB221EDRCRG4.B Datasheet(HTML) 5 Page - Texas Instruments

  TS3USB221EDRCRG4.B Datasheet HTML 1Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 2Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 3Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 4Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 5Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 6Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 7Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 8Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
TS3USB221E
UNIT
DRC (VSON)
RSE (UQFN)
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
57.7
204.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
87.7
118.1
RθJB
Junction-to-board thermal resistance
32.6
121.5
ψJT
Junction-to-top characterization parameter
8.2
13.9
ψJB
Junction-to-board characterization parameter
32.8
121.2
RθJC(bot)
Junction-to-case (bottom) thermal resistance
18.5
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application note.
5.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VIK
VCC = 3.6 V, 2.7 V,
II = –18 mA
–1.8
V
IIN
Control
inputs
VCC = 3.6 V, 2.7 V, 0 V,
VIN = 0 V to 3.6 V
±1
μA
IOZ (3)
VCC = 3.6 V, 2.7 V,
VO = 0 V to 5.25 V, VI = 0 V,
VIN = VCC or GND,
Switch OFF
±1
μA
IOFF
VCC = 0 V
VI/O = 0 V to 5.25 V
±2
μA
VI/O = 0 V to 3.6 V
±2
VI/O = 0 V to 2.7 V
±1
ICC
VCC = 3.6 V, 2.7 V,
VIN = VCC or GND,
II/O = 0 V,
Switch ON or OFF
30
μA
ICC (low
power
mode)
VCC = 3.6 V, 2.7 V,
VIN = VCC or GND
Switch disabled
( OE in high state)
1
μA
ICC (4)
Control
inputs
One input at 1.8 V,
Other inputs at VCC or GND
VCC = 3.6 V
20
μA
VCC = 2.7 V
0.5
Cin
Control
inputs
VCC = 3.3 V, 2.5 V,
VIN = 3.3 V or 0 V
1.5
2.5
pF
Cio(OFF)
VCC = 3.3 V, 2.5 V,
VI/O = 3.3 V or 0 V,
Switch OFF
3.5
5
pF
Cio(ON)
VCC = 3.3 V, 2.5 V,
VI/O = 3.3 V or 0 V,
Switch ON
6
7.5
pF
rON (5)
VCC = 3 V, 2.3 V
VI = 0 V,
IO = 30 mA
3
6
Ω
VI = 2.4 V,
IO = –15 mA
3.4
6
ΔrON
VCC = 3 V, 2.3 V
VI = 0 V,
IO = 30 mA
0.2
Ω
VI = 1.7,
IO = –15 mA
0.2
rON(flat)
VCC = 3 V, 2.3 V
VI = 0 V,
IO = 30 mA
1
Ω
VI = 1.7,
IO = –15 mA
1
(1)
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
(2)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
(5)
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
www.ti.com
TS3USB221E
SCDS263E – SEPTEMBER 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TS3USB221E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com