Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB221EDRCRG4.B Datasheet(PDF) 11 Page - Texas Instruments

Part # TS3USB221EDRCRG4.B
Description  TS3USB221E High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer – Demultiplexer Switch With Single Enable and IEC Level 3 ESD Protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB221EDRCRG4.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS3USB221EDRCRG4.B Datasheet HTML 7Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 8Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 9Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 10Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 11Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 12Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 13Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 14Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Channel OFF
OFF-State Leakage Current
VCTRL = VIH or VIL
VCC
GND
1D
VCTRL
2D
D
VIN
VOUT2
VOUT1
+
+
+
S
Figure 6-8. OFF-State Leakage Current
VCC
GND
VBIAS
VCTRL
VCTRL = VCC or GND
VBIAS = VCC or GND
Capacitance is measured at 1D,
2D, D, and S inputs during ON
and OFF conditions.
Capacitance
Meter
VIN
VOUT2
VOUT1
D
2D
1D
S
Figure 6-9. Capacitance
www.ti.com
TS3USB221E
SCDS263E – SEPTEMBER 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TS3USB221E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com