Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB542 Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB542
Description  TUSB542 USB Type-CTM 5Gbps Redriver 2:1 MUX
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB542 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB542 Datasheet HTML 1Page - Texas Instruments TUSB542 Datasheet HTML 2Page - Texas Instruments TUSB542 Datasheet HTML 3Page - Texas Instruments TUSB542 Datasheet HTML 4Page - Texas Instruments TUSB542 Datasheet HTML 5Page - Texas Instruments TUSB542 Datasheet HTML 6Page - Texas Instruments TUSB542 Datasheet HTML 7Page - Texas Instruments TUSB542 Datasheet HTML 8Page - Texas Instruments TUSB542 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................4
5.5 Electrical Characteristics, Power Supply Currents......5
5.6 Electrical Characteristics, DC..................................... 5
5.7 Electrical Characteristics, Dynamic.............................6
5.8 Electrical Characteristics, AC......................................6
5.9 Timing Requirements..................................................7
5.10 Switching Characteristics..........................................7
5.11 Typical Characteristics.............................................. 8
6 Detailed Description...................................................... 11
6.1 Overview................................................................... 11
6.2 Functional Block Diagram......................................... 12
6.3 Feature Description...................................................13
6.4 Device Functional Modes..........................................13
7 Application and Implementation.................................. 14
7.1 Application Information............................................. 14
7.2 Typical Applications, USB Type-C Port SS MUX...... 14
7.3 Typical Application: Switching USB SS Host or
Device Ports................................................................ 18
7.4 Power Supply Recommendations.............................19
7.5 Layout....................................................................... 19
8 Device and Documentation Support............................21
8.1 Receiving Notification of Documentation Updates....21
8.2 Support Resources................................................... 21
8.3 Trademarks...............................................................21
8.4 Electrostatic Discharge Caution................................21
8.5 Glossary....................................................................21
9 Revision History............................................................ 21
10 Mechanical, Packaging, and Orderable
Information.................................................................... 22
TUSB542
SLLSER3F – DECEMBER 2015 – REVISED DECEMBER 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TUSB542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com