Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB542 Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB542
Description  TUSB542 USB Type-CTM 5Gbps Redriver 2:1 MUX
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB542 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB542 Datasheet HTML 9Page - Texas Instruments TUSB542 Datasheet HTML 10Page - Texas Instruments TUSB542 Datasheet HTML 11Page - Texas Instruments TUSB542 Datasheet HTML 12Page - Texas Instruments TUSB542 Datasheet HTML 13Page - Texas Instruments TUSB542 Datasheet HTML 14Page - Texas Instruments TUSB542 Datasheet HTML 15Page - Texas Instruments TUSB542 Datasheet HTML 16Page - Texas Instruments TUSB542 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
6.3 Feature Description
6.3.1 Receiver Equalization
The purpose of receiver equalization is to compensate for channel insertion loss and inter-symbol interference
in the system before the input of the TUSB542 receiver. The receiver overcomes these losses by providing gain
to the high frequency components of the signals with respect to the low frequency components. The proper gain
setting should be selected to match the channel insertion loss before the receiver input of the TUSB542.
6.3.2 De-Emphasis Control and Output Swing
The output differential drivers of the TUSB542 provide selectable de-emphasis and output swing to achieve
USB3.1 compliance, these options are configurable by means of 3-state control pins, and its available settings
are listed on the Table 6-2. The level of de-emphasis required in the system depends on the channel length after
the output of the re-driver. Figure 6-2 shows transmit bits with de-emphasis.
± 0.5 V
0 V
0.5 V
0ps
200ps
400ps
600ps
800ps
1000ps
1200ps
DE = 0 dB
DE = ± 3.5 dB
DE = ± 6 dB
DE = ± 6 dB
DE = ± 3.5 dB
DE = 0 dB
Transition Bit
Consecutive Bits
Transition Bit
Consecutive Bits
VTX-DIFF-PP
Figure 6-2. Transmitter Differential Voltage in Presence of De-Emphasis
6.3.3 Automatic LFPS Detection
The TUSB542 features an intelligent low frequency periodic signaling (LFPS) controller. The controller senses
the low frequency signals and automatically disables the driver de-emphasis, for full USB3.1 compliance.
6.3.4 Automatic Power Management
The TUSB542 deploys RX detect, LFPS signal detection and signal monitoring to implement an automatic power
management scheme to provide active, U2/U3 and disconnect modes. The automatic power management is
driven by an advanced state machine, which is implemented to manage the device such that the re-driver
operates smoothly in the links.
6.4 Device Functional Modes
6.4.1 Disconnect Mode
The Disconnect mode is the lowest power state of the TUSB542. In this state, the TUSB542 periodically checks
for far-end receiver termination on both TX. Upon detection of the far-end receiver’s termination on both ports,
the TUSB542 will transition to U0 mode.
6.4.2 U Modes
6.4.2.1 U0 Mode
The U0 mode is the highest power state of the TUSB542. Anytime super-speed traffic is being received, the
TUSB542 remains in this mode.
6.4.2.2 U2/U3 Mode
Next to the disconnect mode, the U2/U3 mode is next lowest power state. While in this mode, the TUSB542
periodically performs far-end receiver detection.
www.ti.com
TUSB542
SLLSER3F – DECEMBER 2015 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TUSB542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com