Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB542 Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB542
Description  TUSB542 USB Type-CTM 5Gbps Redriver 2:1 MUX
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB542 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB542 Datasheet HTML 3Page - Texas Instruments TUSB542 Datasheet HTML 4Page - Texas Instruments TUSB542 Datasheet HTML 5Page - Texas Instruments TUSB542 Datasheet HTML 6Page - Texas Instruments TUSB542 Datasheet HTML 7Page - Texas Instruments TUSB542 Datasheet HTML 8Page - Texas Instruments TUSB542 Datasheet HTML 9Page - Texas Instruments TUSB542 Datasheet HTML 10Page - Texas Instruments TUSB542 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
5.9 Timing Requirements
MIN
NOM
MAX
UNIT
tIDLEEntry
Delay from U0 to electrical idle.
See Figure 5-2
6
ns
tIDLEExit_U1
U1 exit time: break in electrical idle to the
transmission of LFPS
See Figure 5-2
6
ns
tIDLEExit_U2U3
U2/U3 exit time: break in electrical idle to
transmission of LFPS
From the time when the far end
terminations detected for both ports
1
µs
tIDLEExit_DISC
U2/U3 exit time: break in electrical idle to
transmission of LFPS
From the time when the far end
terminations detected for both ports
2
µs
tDIFF-DLY
Differential propagation delay.
See Figure 5-1
225
ps
tPWRUPACTIVE
Time when VCC reach 80% to device active
30
ms
5.10 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tTX-RISE-FALL
Transmitter rise/fall time (see Figure 3)
20% to 80% of differential output. At
device pins.
80
ps
tRF-MISMATCH
Transmitter rise/fall mismatch
20% to 80% of differential output. At
device pins
2.3
ps
IN
tDIFF_DLY
OUT
tDIFF_DLY
Figure 5-1. Propagation Delay Timing
tidleExit
IN+
Vcm
IN±
tidleEntry
VEID_TH
OUT+
Vcm
OUT±
Figure 5-2. Electrical Idle Mode Exit and Entry Delay Timing
t
r
80%
20%
t
f
Figure 5-3. Output Rise and Fall Times
www.ti.com
TUSB542
SLLSER3F – DECEMBER 2015 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TUSB542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com