Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB542 Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB542
Description  TUSB542 USB Type-CTM 5Gbps Redriver 2:1 MUX
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB542 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB542 Datasheet HTML 17Page - Texas Instruments TUSB542 Datasheet HTML 18Page - Texas Instruments TUSB542 Datasheet HTML 19Page - Texas Instruments TUSB542 Datasheet HTML 20Page - Texas Instruments TUSB542 Datasheet HTML 21Page - Texas Instruments TUSB542 Datasheet HTML 22Page - Texas Instruments TUSB542 Datasheet HTML 23Page - Texas Instruments TUSB542 Datasheet HTML 24Page - Texas Instruments TUSB542 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
8 Device and Documentation Support
8.1 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
8.2 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
8.3 Trademarks
Type-C™ is a trademark of USB Implementers Forum, Inc..
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
8.4 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
8.5 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
9 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (April 2017) to Revision F (December 2023)
Page
• Changed Junction temperature MIN value to –40 from -65 in the Absolute Maximum Ratings table................ 4
• Changed Junction temperature MAX value to 105 from 150 in the Absolute Maximum Ratings table.............. 4
• Changed Storage temperature MAX value to 150 from 105 in the Absolute Maximum Ratings table...............4
Changes from Revision D (March 2017) to Revision E (April 2017)
Page
• Changed Feature From: Selectable Equalization, de-emphasis, and Output Swing To: Selectable Equalization
up to 9dB, de-emphasis, and Output Swing up to 6dB ..................................................................................... 1
• Deleted Feature: Automatic LFPS de-emphasis Control for USB 3.1 Compliance............................................ 1
• Changed Feature From: Can Support USB DFP, UFP or DRP Port To: Supports USB-C DFP, UFP or
DRP Port............................................................................................................................................................ 1
• Changed Application From: USB Type-C SS Application To: USB 3.1 Gen 1 SS Application........................... 1
• Changed the Simplified Schematic ....................................................................................................................1
• Changed the first five paragraphs of the Overview section.............................................................................. 11
• Changed Figure 7-1 .........................................................................................................................................14
• Changed the Design Requirements and the Detailed Design Procedure section of Typical Applications, USB
Type-C Port SS MUX section........................................................................................................................... 15
• Changed the Design Requirements and the Detailed Design Procedure section of Typical Application:
Switching USB SS Host or Device Ports .........................................................................................................18
Changes from Revision C (August 2016) to Revision D (March 2017)
Page
• Added a MIN value of –65 to the Storage temperature in the Absolute Maximum Ratings table...................... 4
www.ti.com
TUSB542
SLLSER3F – DECEMBER 2015 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TUSB542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com