Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB542 Datasheet(PDF) 12 Page - Texas Instruments

Part # TUSB542
Description  TUSB542 USB Type-CTM 5Gbps Redriver 2:1 MUX
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB542 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB542 Datasheet HTML 8Page - Texas Instruments TUSB542 Datasheet HTML 9Page - Texas Instruments TUSB542 Datasheet HTML 10Page - Texas Instruments TUSB542 Datasheet HTML 11Page - Texas Instruments TUSB542 Datasheet HTML 12Page - Texas Instruments TUSB542 Datasheet HTML 13Page - Texas Instruments TUSB542 Datasheet HTML 14Page - Texas Instruments TUSB542 Datasheet HTML 15Page - Texas Instruments TUSB542 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Table 6-2. Device Signal Conditioning Configuration Settings for TUSB542
Ch1 (AP-Redriver)
DE_AP (dB)
OS_AP (V)
EQ_AP (dB)
Ch2 (Redriver-Conn)
DE_Conn (dB)
OS_Conn (V)
EQ_Conn (dB)
CNFG_A1
CNFG_B1
CNFG_A2
CNFG_B2
Low
Low
3.5
1.1
3
Low
Low
6
1.1
0
Float
3.5
0.9
3
Float
3.5
1.1
0
High
0
1.1
3
High
3.5
0.9
0
Float
Low
0
0.9
3
Float
Low
6
0.9
0
Float
3.5
1.1
0
Float
3.5
1.1
6
High
.35
0.9
0
High
3.5
0.9
6
High
Low
0
1.1
0
High
Low
6
1.1
6
Float
0
0.9
0
Float
6
0.9
6
High
6
1.1
6
High
6
1.1
9
6.2 Functional Block Diagram
TX
TX
EQ
TUSB542
TX
EQ
TX_CON_2
EQ
SEL_RX
SEL_TX
DE_CON
OS_CON
Configuration
Controller
CNFG_[Ax and Bx]
SEL
VDD18
GND
LFPS
Controller
Advanced
State Machine
RX Det
LOS
RX Det
LOS
DE_CON
OS_CON
RX_CON_1
TX_CON_1
DE_AP
OS_AP
EQ_AP
EQ_CON
EQ_CON
RX Det
LOS
RX_AP
EQ_AP
EQ_CON
DE_AP
OS_AP
DE_CON
OS_CON
SEL_TX
SEL_RX
RX_CON_2
TX_AP
Copyright © 2016, Texas Instruments Incorporated
TUSB542
SLLSER3F – DECEMBER 2015 – REVISED DECEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TUSB542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com