Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041 Datasheet(PDF) 19 Page - Texas Instruments

Part # TUSB8041
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB8041 Datasheet HTML 15Page - Texas Instruments TUSB8041 Datasheet HTML 16Page - Texas Instruments TUSB8041 Datasheet HTML 17Page - Texas Instruments TUSB8041 Datasheet HTML 18Page - Texas Instruments TUSB8041 Datasheet HTML 19Page - Texas Instruments TUSB8041 Datasheet HTML 20Page - Texas Instruments TUSB8041 Datasheet HTML 21Page - Texas Instruments TUSB8041 Datasheet HTML 22Page - Texas Instruments TUSB8041 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
19
TUSB8041
www.ti.com
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8.5.6 Product ID MSB Register
Table 12. Register Offset 4h
Bit No.
7
6
5
4
3
2
1
0
Reset State
1
0
0
0
0
0
0
1
Table 13. Bit Descriptions – Product ID MSB Register
Bit
Field Name
Access
Description
7:0
productIdMsb
RO/RW
Product ID MSB. Most significant byte of the product ID assigned by
Texas Instruments; the default value of this register is 81h representing
the MSB of the product ID assigned by Texas Instruments. The value
may be over-written to indicate a customer product ID.
This field is read/write unless the OTP ROM VID and OTP ROM PID
values are non-zero. If both values are non-zero, the value when reading
this register will reflect the OTP ROM value.
8.5.7 Device Configuration Register
Table 14. Register Offset 5h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
1
X
X
0
0
Table 15. Bit Descriptions – Device Configuration Register
Bit
Field Name
Access
Description
7
customStrings
RW
Custom strings enable. This bit controls the ability to write to the
Manufacturer String Length, Manufacturer String, Product String Length,
Product String, and Language ID registers
0 = The Manufacturer String Length, Manufacturer String, Product
String Length, Product String, and Language ID registers are read
only
1 = The Manufacturer String Length, Manufacturer String, Product
String Length, Product String, and Language ID registers may be
loaded by EEPROM or written by SMBus
The default value of this bit is 0.
6
customSernum
RW
Custom serial number enable. This bit controls the ability to write to the
serial number registers.
0 = The Serial Number String Length and Serial Number String
registers are read only
1 = Serial Number String Length and Serial Number String registers
may be loaded by EEPROM or written by SMBus
The default value of this bit is 0.
5
u1u2Disable
RW
U1 U2 Disable. This bit controls the U1/U2 support.
0 = U1/U2 support is enabled
1 = U1/U2 support is disabled, the TUSB8041 will not initiate or
accept any U1 or U2 requests on any port, upstream or downstream,
unless it receives or sends a Force_LinkPM_Accept LMP. After
receiving or sending an FLPMA LMP, it will continue to enable U1
and U2 according to USB 3.0 protocol until it gets a power-on reset
or is disconnected on its upstream port.
When the TUSB8041 is in I2C mode, the TUSB8041 loads this bit from
the contents of the EEPROM.
When the TUSB8041 is in SMBUS mode, the value may be over-written
by an SMBus host.
4
RSVD
RO
Reserved. This bit is reserved and returns 1 when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com