Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041 Datasheet(PDF) 29 Page - Texas Instruments

Part # TUSB8041
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TUSB8041 Datasheet HTML 25Page - Texas Instruments TUSB8041 Datasheet HTML 26Page - Texas Instruments TUSB8041 Datasheet HTML 27Page - Texas Instruments TUSB8041 Datasheet HTML 28Page - Texas Instruments TUSB8041 Datasheet HTML 29Page - Texas Instruments TUSB8041 Datasheet HTML 30Page - Texas Instruments TUSB8041 Datasheet HTML 31Page - Texas Instruments TUSB8041 Datasheet HTML 32Page - Texas Instruments TUSB8041 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
DC
PWR
TUSB8041
USB
Type B
Connector
USB Type A
Connector
USB
PWR
SWITCH
US Port
DS Port 1
DS Port 2
USB Type A
Connector
USB Type A
Connector
USB Type A
Connector
DS Port 3
DS Port 4
USB
PWR
SWITCH
29
TUSB8041
www.ti.com
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
9 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TUSB8041 is a four-port USB 3.0 compliant hub. It provides simultaneous SuperSpeed USB and high-
speed/full-speed connections on the upstream port and provides SuperSpeed USB, high-speed, full-speed, or
low speed connections on the downstream port. The TUSB8041 can be used in any application that needs
additional USB compliant ports. For example, a specific notebook may only have two downstream USB ports. By
using the TUSB8041, the notebook can increase the downstream port count to five.
9.2 Typical Application
9.2.1 Discrete USB Hub Product
A common application for the TUSB8041 is as a self powered standalone USB hub product. The product is
powered by an external 5V DC Power adapter. In this application, using a USB cable TUSB8041’s upstream port
is plugged into a USB Host controller. The downstream ports of the TUSB8041 are exposed to users for
connecting USB hard drives, cameras, flash drives, and so forth.
Figure 4. Discrete USB Hub Product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com