Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041 Datasheet(PDF) 37 Page - Texas Instruments

Part # TUSB8041
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TUSB8041 Datasheet HTML 33Page - Texas Instruments TUSB8041 Datasheet HTML 34Page - Texas Instruments TUSB8041 Datasheet HTML 35Page - Texas Instruments TUSB8041 Datasheet HTML 36Page - Texas Instruments TUSB8041 Datasheet HTML 37Page - Texas Instruments TUSB8041 Datasheet HTML 38Page - Texas Instruments TUSB8041 Datasheet HTML 39Page - Texas Instruments TUSB8041 Datasheet HTML 40Page - Texas Instruments TUSB8041 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
37
TUSB8041
www.ti.com
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
10 Power Supply Recommendations
10.1 TUSB8041 Power Supply
VDD should be implemented as a single power plane, as should VDD33.
•
The VDD pins of the TUSB8041 supply 1.1 V (nominal) power to the core of the TUSB8041. This power rail
can be isolated from all other power rails by a ferrite bead to reduce noise.
•
The DC resistance of the ferrite bead on the core power rail can affect the voltage provided to the device due
to the high current draw on the power rail. The output of the core voltage regulator may need to be adjusted
to account for this or a ferrite bead with low DC resistance (less than 0.05 Ω) can be selected.
•
The VDD33 pins of the TUSB8041 supply 3.3 V power rail to the I/O of the TUSB8041. This power rail can be
isolated from all other power rails by a ferrite bead to reduce noise.
•
All power rails require a 10 µF capacitor or 1 µF capacitors for stability and noise immunity. These bulk
capacitors can be placed anywhere on the power rail. The smaller decoupling capacitors should be placed as
close to the TUSB8041 power pins as possible with an optimal grouping of two of differing values per pin.
10.2 Downstream Port Power
•
The downstream port power, VBUS, must be supplied by a source capable of supplying 5V and up to 900 mA
per port. Downstream port power switches can be controlled by the TUSB8041 signals. It is also possible to
leave the downstream port power always enabled.
•
A large bulk low-ESR capacitor of 22 µF or larger is required on each downstream port’s VBUS to limit in-rush
current.
•
The ferrite beads on the VBUS pins of the downstream USB port connections are recommended for both
ESD and EMI reasons. A 0.1µF capacitor on the USB connector side of the ferrite provides a low impedance
path to ground for fast rise time ESD current that might have coupled onto the VBUS trace from the cable.
10.3 Ground
It is recommended that only one board ground plane be used in the design. This provides the best image plane
for signal traces running above the plane. The thermal pad of the TUSB8041 and any of the voltage regulators
should be connected to this plane with vias. An earth or chassis ground is implemented only near the USB port
connectors on a different plane for EMI and ESD purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com