Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041 Datasheet(PDF) 12 Page - Texas Instruments

Part # TUSB8041
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB8041 Datasheet HTML 8Page - Texas Instruments TUSB8041 Datasheet HTML 9Page - Texas Instruments TUSB8041 Datasheet HTML 10Page - Texas Instruments TUSB8041 Datasheet HTML 11Page - Texas Instruments TUSB8041 Datasheet HTML 12Page - Texas Instruments TUSB8041 Datasheet HTML 13Page - Texas Instruments TUSB8041 Datasheet HTML 14Page - Texas Instruments TUSB8041 Datasheet HTML 15Page - Texas Instruments TUSB8041 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
VBUS
Detect
SuperSpeed Hub
USB 2.0 Hub
Oscilator
XI
XO
Clock
and
Reset
Distribution
Control
Registers
GPIO
I
2 C
SMBUS
Power
Distribution
VDD33
VSS
GRSTz
SCL/SMBCLK
SDA/SMBDAT
SMBUSz/SS_SUSPEND
PWRCTL1/BATEN1
OVERCUR1z
PWRCTL2/BATEN2
OVERCUR2z
PWRCTL_POL
GANGED/SMBA2/HS_UP
FULLPWRMGMTz/SMBA1/SS_UP
VDD
TEST
OTP
ROM
PWRCTL3/BATEN3
OVERCUR3z
PWRCTL4/BATEN4
OVERCUR4z
AUTOENz/HS_SUSPEND
Copyright © 2016, Texas Instruments Incorporated
12
TUSB8041
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TUSB8041 is a four-port USB 3.0 compliant hub. It provides simultaneous SuperSpeed USB and high-
speed/full-speed connections on the upstream port and provides SuperSpeed USB, high-speed, full-speed, or
low-speed connections on the downstream ports. When the upstream port is connected to an electrical
environment that only supports high-speed or full-speed/low-speed connections, SuperSpeed USB connectivity is
disabled on the downstream ports. When the upstream port is connected to an electrical environment that only
supports full-speed/low-speed connections, SuperSpeed USB and high-speed connectivity are disabled on the
downstream ports.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Battery Charging Features
The TUSB8041 provides support for USB Battery Charging. Battery charging support may be enabled on a per
port basis through the REG_6h(batEn[3:0]).
Battery charging support includes both Charging Downstream Port (CDP) and Dedicated Charging Port (DCP)
modes. The DCP mode is compliant with the Chinese Telecommunications Industry Standard YD/T 1591-2009.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com