Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041 Datasheet(PDF) 42 Page - Texas Instruments

Part # TUSB8041
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TUSB8041 Datasheet HTML 38Page - Texas Instruments TUSB8041 Datasheet HTML 39Page - Texas Instruments TUSB8041 Datasheet HTML 40Page - Texas Instruments TUSB8041 Datasheet HTML 41Page - Texas Instruments TUSB8041 Datasheet HTML 42Page - Texas Instruments TUSB8041 Datasheet HTML 43Page - Texas Instruments TUSB8041 Datasheet HTML 44Page - Texas Instruments TUSB8041 Datasheet HTML 45Page - Texas Instruments TUSB8041 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
www.ti.com
PACKAGE OUTLINE
C
SEE DETAIL
64X
0.30
0.18
6 0.05
64X
0.5
0.3
1 MAX
(0.2) TYP
0.05
0.00
60X 0.5
2X
7.5
2X 7.5
A
9.1
8.9
B
9.1
8.9
(0.1) TYP
VQFN - 1 mm max height
RGC0064G
PLASTIC QUAD FLATPACK - NO LEAD
4222053/B 06/2015
PIN 1 INDEX AREA
0.08
SEATING PLANE
1
16
33
48
17
32
64
49
(OPTIONAL)
PIN 1 ID
0.1
C A
B
0.05
EXPOSED
THERMAL PAD
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 1.500
SCALE 8.000
LEADFRAME PROFILE
OPTION
42
TUSB8041
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com