Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB522PRGET.A Datasheet(PDF) 14 Page - Texas Instruments

Part # TUSB522PRGET.A
Description  TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB522PRGET.A Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB522PRGET.A Datasheet HTML 10Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 11Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 12Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 13Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 14Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 15Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 16Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 17Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
DN
DP
TXN
TXP
RXP
RXN
USB Host
0.1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
10 F
m
0.1 F
m
0.1 F
m
3.3 V
NC
NC
NC
NC
NC
Thermal Pad
3.3 V
0.1 F
m
0.1 F
m
47 kW
47 kW
TX2N
TX2P
RX1N
RX1P
VCC
NC
RSV
GND
TUSB522P
TX1N
TX1P
RX2N
RX2P
OS1
DE1
EQ1
DE2
OS2
EQ2
EN_RXD
USB3.1 Type-A
Receptacle
SSRXP
SSRXN
SSTXP
SSTXN
DP
DN
2
3
8
9
5
6
22
23
20
19
15
16
2
4
3
17
5
10
21
14
18
6
24
7
13
1
3.3 V
13
12
11
9
8
Figure 8-2. Embedded Host Application Schematic
8.2.2.1 ESD Protection
It may be necessary to incorporate an ESD component to protect the TUSB522P from electrostatic discharge
(ESD). It is recommended that the ESD protection component has working peak voltage of ≥ 1.3 V, a breakdown
voltage of ≥ 2.3 V, and a clamp voltage of ≤ 4.0 V. A clamp voltage greater than 4.0 V may require a RESD on
each differential pin. The ESD component should be placed near the USB connector.
Table 8-2. Recommended ESD Protection Component
Manufacturer
Part Number
Required RESD to pass IEC 61000-4-2 Contact ±8-kV
Nexperia
PUSB3FR4
2.2-Ω
Nexperia
PESD2V8Y1BSF
2.2-Ω
TUSB522P
SLLSEV9E – JULY 2016 – REVISED NOVEMBER 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TUSB522P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com