Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB522PRGET.A Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB522PRGET.A
Description  TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB522PRGET.A Datasheet(HTML) 4 Page - Texas Instruments

  TUSB522PRGET.A Datasheet HTML 1Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 2Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 3Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 4Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 5Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 6Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 7Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 8Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
DE2
3
I, CMOS
Sets the output de-emphasis for Channel 2. 3-state input with integrated pull-up and pull-
down resistors.
DE2 = Low = 0 dB
DE2 = Mid = -3.5 dB
DE2 = High = -6.2 dB
OS2
4
I, CMOS
Sets the output swing (differential voltage amplitude) for Channel 2. 2-state input with an
integrated pull down resistor.
OS2 = Low = 0.9 mV
OS2 = High = 1.1 mV
EN_RXD
5
I, CMOS
Enable. The device has a 660-kΩ pulldown resistor. Device is active when EN_RXD = High.
Drive actively high or install a pullup resistor (recommend 4.7 KΩ) for normal operation.
Does reset state machine.
RSV
14
I, CMOS
Reserved. Can be left as no-connect.
VCC
1, 13
P
Positive power supply. Power supply is 3.3 V.
GND
10, 21, PAD
G
Ground. PAD must be connected to Ground. Pins 10, 21 can be connected to Ground or left
unconnected.
NC
6, 7, 18, 24
—
No connection. These pins can be tied to any desired voltages including connecting them to
GND.
TUSB522P
SLLSEV9E – JULY 2016 – REVISED NOVEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TUSB522P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com