Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB522PRGET.A Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB522PRGET.A
Description  TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB522PRGET.A Datasheet(HTML) 2 Page - Texas Instruments

  TUSB522PRGET.A Datasheet HTML 1Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 2Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 3Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 4Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 5Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 6Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 7Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 8Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................6
6.5 Electrical Characteristics, Power Supply.................... 6
6.6 Electrical Characteristics, DC..................................... 6
6.7 Electrical Characteristics, AC......................................7
7 Detailed Description........................................................9
7.1 Overview..................................................................... 9
7.2 Functional Block Diagram........................................... 9
7.3 Feature Description...................................................10
7.4 Device Functional Modes..........................................11
8 Application and Implementation.................................. 12
8.1 Application Information............................................. 12
8.2 Typical Application.................................................... 12
8.3 Power Supply Recommendations.............................15
8.4 Layout....................................................................... 15
9 Device and Documentation Support............................17
9.1 Receiving Notification of Documentation Updates....17
9.2 Support Resources................................................... 17
9.3 Trademarks...............................................................17
9.4 Electrostatic Discharge Caution................................17
9.5 Glossary....................................................................17
10 Mechanical, Packaging, and Orderable
Information.................................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (May 2019) to Revision E (November 2023)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document ................ 1
• Updated the Device Information table to include ambient temperature .............................................................1
• In the Pin Functions table deleted "Note: When OS = low." for both DE1 and DE2. ......................................... 3
• In Recommended Operation Conditions, changed CAC-USB1 max from 200 nF to 265 nF..................................5
• Reformat Table 7-1 for readability..................................................................................................................... 11
• Updated Figure 8-1 to include CAC-USB1, CAC-USB2, LAB, LCD, LAC-CAP, LESD, RESD, and RRX, ........................ 12
• Added comment that ac-capacitor should be placed between ESD and USB receptacle when designing for
short to VBUS protection.................................................................................................................................. 12
• Updated the Design Parameters table to include pre-channel and post-channel min/max limits.....................13
• Added the ESD Protection section................................................................................................................... 14
Changes from Revision C (May 2019) to Revision D (May 2019)
Page
• Changed pin 11 From: TX1N To: TX2N and pin 12 From: TX1P To: TX2P in Figure 8-2.................................13
Changes from Revision B (November 2017) to Revision C (May 2019)
Page
• Deleted the RGE0024F mechanical pages...................................................................................................... 17
Changes from Revision A (October 2016) to Revision B (November 2017)
Page
• Changed the values in the FOR OS = HIGH column of Table 7-1 to match FOR OS = LOW column. ........... 11
Changes from Revision * (July 2016) to Revision A (October 2016)
Page
• Changed the device From Preview To: Production............................................................................................ 1
TUSB522P
SLLSEV9E – JULY 2016 – REVISED NOVEMBER 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TUSB522P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com