Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB522PRGET.A Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB522PRGET.A
Description  TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB522PRGET.A Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB522PRGET.A Datasheet HTML 7Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 8Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 9Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 10Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 11Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 12Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 13Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 14Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
7.4 Device Functional Modes
7.4.1 Device Configuration
Table 7-1. Control Pin Settings (Typical Values)
PIN
DESCRIPTION
LOGIC STATE
TYP
UNITS
EQ1/EQ2
Receiver equalization amount
Low
3
dB
Floating
6
dB
High
9
dB
OS1/OS2
Transmit output swing amplitude for the
transition bit
Low
0.9
Vpp
High
1.1
Vpp
DE1/DE2
Transmit de-emphasis amount
Low
0
dB
Floating
–3.5
dB
High
–6.2
dB
7.4.2 Power Modes
The TUSB522P has 3 primary power modes:
7.4.2.1 U0 Mode (Active Power Mode)
During active power mode, U0, the device is transmitting USB SS data or USB LFPS signaling. The U0 mode is
the highest power state of the TUSB522P. Anytime super-speed traffic is being received, the TUSB522P remains
in this mode.
7.4.2.2 U2/U3 (Low Power Mode)
While in this mode, the TUSB522P periodically performs far-end receiver detection.
7.4.2.3 Disconnect Mode - RX Detect
In this state, the TUSB522P periodically checks for far-end receiver termination on both TX. Upon detection of
the far-end receiver’s termination on both ports, the TUSB522P will transition to U0 mode.
7.4.2.4 Shutdown Mode
Shutdown mode is entered when the EN_RXD pin is driven low. This is lowest power setting for the device.
www.ti.com
TUSB522P
SLLSEV9E – JULY 2016 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TUSB522P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com