Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB522PRGET.A Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB522PRGET.A
Description  TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB522PRGET.A Datasheet(HTML) 3 Page - Texas Instruments

  TUSB522PRGET.A Datasheet HTML 1Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 2Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 3Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 4Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 5Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 6Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 7Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 8Page - Texas Instruments TUSB522PRGET.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
5 Pin Configuration and Functions
6
5
4
3
2
1
13
14
15
16
17
18
19
20
21
22
23
24
12
11
10
9
8
7
CH1
CH2
PAD
(must be soldered to GND)
VCC
OS2
DE2
EQ1
EN_RXD
NC
NC
RX1N
RX1P
TX2N
GND
TX2P
VCC
NC
GND
TX1N
TX1P
RX2N
RX2P
NC
OS1
DE1
EQ2
RSV
Figure 5-1. RGE Package, 24-Pin (VQFN) (Top View)
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
RX1N
8
Differential I Differential input for 5Gbps negative signal on Channel 1
RX1P
9
Differential I Differential input for 5Gbps positive signal on Channel 1
TX1N
23
Differential O Differential output for 5Gbps negative signal on Channel 1
TX1P
22
Differential O Differential output for 5Gbps positive signal on Channel 1
RX2N
20
Differential I Differential input for 5Gbps negative signal on Channel 2
RX2P
19
Differential I Differential input for 5Gbps positive signal on Channel 2
TX2N
11
Differential O Differential output for 5Gbps negative signal on Channel 2
TX2P
12
Differential O Differential output for 5Gbps positive signal on Channel 2
EQ1
2
I, CMOS
Sets the receiver equalizer gain for Channel 1. 3-state input with integrated pull-up and
pull-down resistors.
EQ1 = Low = 3 dB
EQ1 = Mid = 6 dB
EQ1 = High = 9 dB
DE1
16
I, CMOS
Sets the output de-emphasis for Channel 1. 3-state input with integrated pull-up and pull-
down resistors.
DE1 = Low = 0 dB
DE1 = Mid = -3.5 dB
DE1 = High = -6.2 dB
OS1
15
I, CMOS
Sets the output swing (differential voltage amplitude) for Channel 1. 2-state input with an
integrated pull down resistor.
OS1 = Low = 0.9 mV
OS1 = High = 1.1 mV
EQ2
17
I, CMOS
Sets the receiver equalizer gain for Channel 2. 3-state input with integrated pull-up and
pull-down resistors.
EQ2 = Low = 3 dB
EQ2 = Mid = 6 dB
EQ2 = High = 9 dB
www.ti.com
TUSB522P
SLLSEV9E – JULY 2016 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TUSB522P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com