Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1480997 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1480997
Description  AXL E IOL DIO8/8 M12 6M - Digital module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1480997 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1480997 Datasheet HTML 1Page - PHOENIX CONTACT 1480997 Datasheet HTML 2Page - PHOENIX CONTACT 1480997 Datasheet HTML 3Page - PHOENIX CONTACT 1480997 Datasheet HTML 4Page - PHOENIX CONTACT 1480997 Datasheet HTML 5Page - PHOENIX CONTACT 1480997 Datasheet HTML 6Page - PHOENIX CONTACT 1480997 Datasheet HTML 7Page - PHOENIX CONTACT 1480997 Datasheet HTML 8Page - PHOENIX CONTACT 1480997 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Note on the connection method
Push-pull fast connection according to IEC 61076-2-010 or screw
connection according to IEC 61076-2-101
Connection technology
5-conductor
Port type
Class B
Specification
V1.1.3
Reverse polarity protection
yes
Transmission speed
230.4 kbps (COM3)
Cycle Time
1 ms
5 Byte (Input data)
Amount of process data
2 Byte (Output data)
Output data
Digital:
Output name
Digital outputs
Connection method
M12 connector, A-coded
Note on the connection method
Push-pull fast connection according to IEC 61076-2-010 or screw
connection according to IEC 61076-2-101
Connection technology
3-conductor
Number of outputs
16
Overload protection; yes
Protective circuit
Short-circuit protection; yes
Output voltage
24 V DC
Output current
max. 500 mA (per output)
Nominal output voltage
24 V DC
Output voltage when switched off
max. 1 V
Output current when switched off
max. 300 µA
Nominal load, inductive
12 VA (1.2 H, 48 Ω, with nominal voltage)
Switching frequency
max. 1 per second (with inductive load)
Reverse voltage resistance to short pulses
no
Behavior with overload
Shutdown with automatic restart
Behavior with inductive overload
Output can be destroyed
max. 100 µs (when switched on)
Signal delay
max. 100 µs (when switched off, with at least 50 mA load current)
Overcurrent shut-down
as of 700 mA
Output current with ground connection interrupt when switched
off
< 1 mA
Product properties
Product family
Axioline E
Type
Stand-alone
Special properties
IO-Link
Insulation characteristics
Pollution degree
2 (IEC 60664-1, EN 60664-1)
AXL E IOL DIO8/8 M12 6M - Digital module
1480997
https://www.phoenixcontact.com/us/products/1480997
Dec 5, 2025, 12:32AM
Page 3 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com