Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1480997 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1480997
Description  AXL E IOL DIO8/8 M12 6M - Digital module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1480997 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1480997 Datasheet HTML 1Page - PHOENIX CONTACT 1480997 Datasheet HTML 2Page - PHOENIX CONTACT 1480997 Datasheet HTML 3Page - PHOENIX CONTACT 1480997 Datasheet HTML 4Page - PHOENIX CONTACT 1480997 Datasheet HTML 5Page - PHOENIX CONTACT 1480997 Datasheet HTML 6Page - PHOENIX CONTACT 1480997 Datasheet HTML 7Page - PHOENIX CONTACT 1480997 Datasheet HTML 8Page - PHOENIX CONTACT 1480997 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical properties
Supply: IO-Link
Designation
IO-Link port supply (L+)
Nominal voltage for I/O supply
24 V DC (Provided via the IO-Link interface of the IO-Link
master.)
Supply voltage range
18 V DC ... 30 V DC (including all tolerances, including ripple)
Nominal current per device
typ. 30 mA
Current consumption
max. 4 A (device dependent; observe the current of the IO-Link
master that is made available via L+)
Protective circuit
Reverse polarity protection; yes
Supply: IO-Link
Designation
IO-Link port supply (P24)
Nominal voltage for I/O supply
24 V DC (Provided via the IO-Link interface of the IO-Link
master.)
Supply voltage range
18 V DC ... 30 V DC (including all tolerances, including ripple)
Nominal current per device
typ. 30 mA
Current consumption
max. 4 A (device dependent; observe the current of the IO-Link
master that is made available via P24)
Protective circuit
Reverse polarity protection; yes
Supply: Sensors
Designation
Supply of the sensors (from L+)
max. 800 mA (per port)
Current consumption
max. 800 mA (device dependent; observe the current of the IO-
Link master that is made available via L+)
Supply: Sensors
Designation
Supply of the sensors (from P24)
max. 800 mA (per port)
Current consumption
max. 800 mA (device dependent; observe the current of the IO-
Link master that is made available via P24)
Supply: Actuators
Designation
Supply of the actuators (from L+)
Connection method
M12 connector, A-coded
Note on the connection method
Push-pull fast connection according to IEC 61076-2-010 or screw
connection according to IEC 61076-2-101
Number of positions
5
Supply voltage
24 V DC (Nominal voltage)
Supply voltage range
18 V DC ... 30 V DC (including all tolerances, including ripple)
Current consumption
max. 4 A
Supply: Actuators
Designation
Supply of the actuators (from P24)
Connection method
M12 connector, A-coded
AXL E IOL DIO8/8 M12 6M - Digital module
1480997
https://www.phoenixcontact.com/us/products/1480997
Dec 5, 2025, 12:32AM
Page 4 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com