Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1480997 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1480997
Description  AXL E IOL DIO8/8 M12 6M - Digital module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1480997 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1480997 Datasheet HTML 1Page - PHOENIX CONTACT 1480997 Datasheet HTML 2Page - PHOENIX CONTACT 1480997 Datasheet HTML 3Page - PHOENIX CONTACT 1480997 Datasheet HTML 4Page - PHOENIX CONTACT 1480997 Datasheet HTML 5Page - PHOENIX CONTACT 1480997 Datasheet HTML 6Page - PHOENIX CONTACT 1480997 Datasheet HTML 7Page - PHOENIX CONTACT 1480997 Datasheet HTML 8Page - PHOENIX CONTACT 1480997 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Note on the connection method
Push-pull fast connection according to IEC 61076-2-010 or screw
connection according to IEC 61076-2-101
Number of positions
5
Supply voltage
24 V DC (Nominal voltage)
Supply voltage range
18 V DC ... 30 V DC (including all tolerances, including ripple)
Current consumption
max. 4 A
Electrical isolation/isolation of the voltage ranges
Test voltage: 24 V supply L+ (IO-Link)/functional ground
500 V AC, 50 Hz, 1 min
Test voltage: 24 V supply P24/24 V supply L+ (IO-Link)
500 V AC, 50 Hz, 1 min
Test voltage: 24 V supply P24/functional ground
500 V AC, 50 Hz, 1 min
Connection data
Connection method
M12 connector
Tightening torque
0.4 Nm
Environmental and real-life conditions
Ambient conditions
-25 °C ... 70 °C
Ambient temperature (operation)
-40 °C ... 70 °C (Extended, see section “Use under extreme
ambient conditions” in the data sheet)
Degree of protection
IP65/IP67/IP69
Air pressure (operation)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Ambient temperature (storage/transport)
-25 °C ... 85 °C
Permissible humidity (operation)
5 % ... 95 %
Permissible humidity (storage/transport)
5 % ... 95 %
Test (noxious gas)
Test standard
IEC 60068-2-60:2015 Method 4
Temperature
25 °C ±1 K
Humidity (relative)
75 % ±3 %
Test duration
14 Days
Volume concentration H2S (Hydrogen sulfide)
10 ppb ±5 ppb
Volume concentration NO2 (Nitrogen dioxide)
200 ppb ±20 ppb
Volume concentration Cl2 (Chlorine)
10 ppb ±5 ppb
Volume concentration SO2 (Sulfur dioxide)
200 ppb ±20 ppb
Test (Salt spray)
Test standard
DIN EN 60068-2-52
Number of cycles
4
Test steps per cycle
2
Test duration (Total)
168 h
Test step (Salt mist)
2 h with 5 % ±0.5 % NaCl, pH value 6.5...7.2 for 35 °C ±2 K
Test step (Humidity)
166 h with 93 % ±3 % Humidity for 40 °C ±2 K
AXL E IOL DIO8/8 M12 6M - Digital module
1480997
https://www.phoenixcontact.com/us/products/1480997
Dec 5, 2025, 12:32AM
Page 5 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com