Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1480997 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1480997
Description  AXL E IOL DIO8/8 M12 6M - Digital module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1480997 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1480997 Datasheet HTML 1Page - PHOENIX CONTACT 1480997 Datasheet HTML 2Page - PHOENIX CONTACT 1480997 Datasheet HTML 3Page - PHOENIX CONTACT 1480997 Datasheet HTML 4Page - PHOENIX CONTACT 1480997 Datasheet HTML 5Page - PHOENIX CONTACT 1480997 Datasheet HTML 6Page - PHOENIX CONTACT 1480997 Datasheet HTML 7Page - PHOENIX CONTACT 1480997 Datasheet HTML 8Page - PHOENIX CONTACT 1480997 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Technical data
Dimensions
Dimensional drawing
Width
60 mm
Height
184 mm
Depth
30.3 mm
Notes
Note on application
Note on application
Only for industrial use
Material specifications
Housing material
Die-cast zinc
Input data
Digital:
Input name
Digital inputs
Description of the input
EN 61131-2 types 1 and 3
Number of inputs
16
Cable length
max. 30 m (to the sensor)
Connection method
M12 connector, A-coded
Note on the connection method
Push-pull fast connection according to IEC 61076-2-010 or screw
connection according to IEC 61076-2-101
Connection technology
4-conductor
Input voltage range "0" signal
-3 V ... 5 V DC
Input voltage range "1" signal
11 V DC ... 30 V DC
Nominal input voltage UIN
24 V DC
Nominal input current at UIN
typ. 2.5 mA
Input filter time
1 ms
Reverse polarity protection; yes
Short-circuit protection; yes
Protective circuit
Overload protection; yes
IO-Link
Number of ports
1
Connection method
M12 connector, A-coded
AXL E IOL DIO8/8 M12 6M - Digital module
1480997
https://www.phoenixcontact.com/us/products/1480997
Dec 5, 2025, 12:32AM
Page 2 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com