Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1480997 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1480997
Description  AXL E IOL DIO8/8 M12 6M - Digital module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1480997 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1480997 Datasheet HTML 1Page - PHOENIX CONTACT 1480997 Datasheet HTML 2Page - PHOENIX CONTACT 1480997 Datasheet HTML 3Page - PHOENIX CONTACT 1480997 Datasheet HTML 4Page - PHOENIX CONTACT 1480997 Datasheet HTML 5Page - PHOENIX CONTACT 1480997 Datasheet HTML 6Page - PHOENIX CONTACT 1480997 Datasheet HTML 7Page - PHOENIX CONTACT 1480997 Datasheet HTML 8Page - PHOENIX CONTACT 1480997 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Axioline E, Digital I/O device, IO-Link ports Class B: 1, connection method: M12 connector, A-
coded, connection technology: 5-conductor, Digital inputs: 16, 24 V DC, connection technology:
4-conductor, Digital outputs: 16, 24 V DC, 500 mA, connection technology: 3-conductor, IO-Link,
degree of protection: IP65/IP67/IP69
Product description
You can connect this Axioline E device to an IO-Link master via an IO-Link B port. You can use this device to acquire and output digital signals via
IO-Link. Use within different networks is possible via the IO-Link master.
Your advantages
Connection to an IO-Link master with M12 connector (A-coded, 5-pos.)
•
Type B port
•
IO-Link specification V1.1.3
•
Connection of up to 16 inputs/outputs with M12 connectors (A-coded, 5-pos.)
•
Diagnostic and status indicators
•
Single-channel diagnostics
•
Short-circuit and overload protection of the sensor supply
•
Device rating plate stored
•
IP65/IP67/IP69 degree of protection
•
Commercial data
Item number
1480997
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
DR17
Product key
DRI7NF
GTIN
4063151898878
Weight per piece (including packing)
548 g
Weight per piece (excluding packing)
509 g
Customs tariff number
85176200
Country of origin
DE
AXL E IOL DIO8/8 M12 6M - Digital module
1480997
https://www.phoenixcontact.com/us/products/1480997
Dec 5, 2025, 12:32AM
Page 1 (11)


Similar Part No. - 1480997

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1480993 PHOENIX-1480993 Datasheet
536Kb / 8P
AXL E IOL DIO8 M8 3M - Digital module
1480994 PHOENIX-1480994 Datasheet
528Kb / 7P
AXL E IOL DI8 M8 3M - Digital module
1480995 PHOENIX-1480995 Datasheet
500Kb / 10P
AXL E IOL DIO8 M12 3M - Digital module
1480996 PHOENIX-1480996 Datasheet
495Kb / 9P
AXL E IOL DI8 M12 3M - Digital module
1480998 PHOENIX-1480998 Datasheet
564Kb / 9P
AXL E IOL DI16 M12 6M - Digital module
More results

Similar Description - 1480997

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1293246 PHOENIX-1293246 Datasheet
707Kb / 11P
Digital module - AXL E IOL DI8 DO4/4 EF M12 6M
Nov 16, 2022
1300834 PHOENIX-1300834 Datasheet
735Kb / 12P
Digital module - AXL E PN DI16 M12 6M-L
Nov 16, 2022
1300915 PHOENIX-1300915 Datasheet
737Kb / 12P
Digital module - AXL E PN DIO16 M12 6M-L
Nov 16, 2022
1300923 PHOENIX-1300923 Datasheet
749Kb / 12P
Communication module - AXL E PN IOL4/0 DIO8 M12 6M-L
Nov 16, 2022
2701515 PHOENIX-2701515 Datasheet
1Mb / 32P
Digital module - AXL E PN DI8 DO8 M12 6M
Dec 9, 2022
2701517 PHOENIX-2701517 Datasheet
1Mb / 32P
Digital module - AXL E PN DIO16 M12 6M
Dec 30, 2022
2702658 PHOENIX-2702658 Datasheet
351Kb / 9P
Digital module - AXL E IOL DI8 M12 6P
Dec 9, 2022
2702659 PHOENIX-2702659 Datasheet
353Kb / 10P
Digital module - AXL E IOL DO8 M12 6P
Dec 8, 2022
2702660 PHOENIX-2702660 Datasheet
351Kb / 9P
Digital module - AXL E IOL DI16 M12 6P
Dec 8, 2022
2701516 PHOENIX-2701516 Datasheet
1Mb / 32P
Digital module - AXL E PN DI16 M12 6M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com