Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGPR.B Datasheet(PDF) 22 Page - Texas Instruments

Part # CC115LRGPR.B
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC115LRGPR.B Datasheet HTML 18Page - Texas Instruments CC115LRGPR.B Datasheet HTML 19Page - Texas Instruments CC115LRGPR.B Datasheet HTML 20Page - Texas Instruments CC115LRGPR.B Datasheet HTML 21Page - Texas Instruments CC115LRGPR.B Datasheet HTML 22Page - Texas Instruments CC115LRGPR.B Datasheet HTML 23Page - Texas Instruments CC115LRGPR.B Datasheet HTML 24Page - Texas Instruments CC115LRGPR.B Datasheet HTML 25Page - Texas Instruments CC115LRGPR.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
28
DATA
DRATE _ E
XOSC
R
2
DRATE _ M
256
ƒ
2
×
=
-
×
20
DATA
2
XOSC
R
2
DRATE _ E
log
ƒ
æ
ö
×
=
ç
÷
ç
÷
è
ø
DRATE _ E
DATA
XOSC
28
(256 DRATE _ M) 2
R
ƒ
2
+
×
=
×
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
5.7
Data Rate Programming
The data rate used when transmitting is programmed by the MDMCFG3.DRATE_M and the
MDMCFG4.DRATE_E configuration registers. The data rate is given by the formula below. As the formula
shows, the programmed data rate depends on the crystal frequency.
(1)
The following approach can be used to find suitable values for a given data rate:
(2)
(3)
If DRATE_M is rounded to the nearest integer and becomes 256, increment DRATE_E and use
DRATE_M = 0.
The data rate can be set from 0.6 kBaud to 500 kBaud with the minimum step size according to Table 5-3.
See Section 4.4 for the minimum and maximum data rates for the different modulation formats.
Table 5-3. Data Rate Step Size (Assuming a 26-MHz Crystal)
Min Data Rate [kBaud]
Typical Data Rate [kBaud]
Max Data Rate [kBaud]
Data rate Step Size [kBaud]
0.6
1.0
0.79
0.0015
0.79
1.2
1.58
0.0031
1.59
2.4
3.17
0.0062
3.17
4.8
6.33
0.0124
6.35
9.6
12.7
0.0248
12.7
19.6
25.3
0.0496
25.4
38.4
50.7
0.0992
50.8
76.8
101.4
0.1984
101.6
153.6
202.8
0.3967
203.1
250
405.5
0.7935
406.3
500
500
1.5869
22
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com