Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGPR.B Datasheet(PDF) 59 Page - Texas Instruments

Part # CC115LRGPR.B
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR.B Datasheet(HTML) 59 Page - Texas Instruments

Back Button CC115LRGPR.B Datasheet HTML 55Page - Texas Instruments CC115LRGPR.B Datasheet HTML 56Page - Texas Instruments CC115LRGPR.B Datasheet HTML 57Page - Texas Instruments CC115LRGPR.B Datasheet HTML 58Page - Texas Instruments CC115LRGPR.B Datasheet HTML 59Page - Texas Instruments CC115LRGPR.B Datasheet HTML 60Page - Texas Instruments CC115LRGPR.B Datasheet HTML 61Page - Texas Instruments CC115LRGPR.B Datasheet HTML 62Page - Texas Instruments CC115LRGPR.B Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
Antenna
(50
)
W
1.8 V - 3.6 V
Power Supply
1 SCLK
2 SO
(GDO1)
3 GDO2
4 DVDD
5 DCOUPL
AVDD 15
AVDD 14
RF_N 13
RF_P 12
AVDD 11
XTAL
C121 C122
L122
L132
C131
L121
L123
C126
R171
C81
C101
C51
CSn
GDO0
(optional)
GDO2
(optional)
SO
(GDO1)
SCLK
SI
CC115L
DIE ATTACH PAD:
L131
C124
C123
L124
C127 L125
C127 and L125
may be added to
build an optional
filter to reduce
emission at 699
MHz
CC115L
www.ti.com
SWRS105B – MAY 2011 – REVISED JUNE 2014
Figure 6-2. Typical Application and Evaluation Circuit 868/915 MHz
(Excluding Supply Decoupling Capacitors)
Table 6-1. External Components
Component
Value at 315 MHz
Value at 433 MHz
Value at 868/915 MHz
Without C127 and L125
With C127 and L125
C121
1 pF
1 pF
C122
6.8 pF
3.9 pF
1.5 pF
1.5 pF
C123
12 pF
8.2 pF
3.3 pF
3.3 pF
C124
220 pF
220 pF
100 pF
100 pF
C125
6.8 pF
5.6 pF
C126
220 pF
220 pF
100 pF
12 pF
C127
47 pF
C131
6.8 pF
3.9 pF
1.5 pF
1.5 pF
L121
12 nH
12 nH
L122
33 nH
27 nH
18 nH
18 nH
L123
18 nH
22 nH
12 nH
12 nH
L124
33 nH
27 nH
12 nH
12 nH
L125
3.3 nH
L131
12 nH
12 nH
L132
33 nH
27 nH
18 nH
18 nH
Copyright © 2011–2014, Texas Instruments Incorporated
Applications, Implementation, and Layout
59
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com