Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGPR.B Datasheet(PDF) 53 Page - Texas Instruments

Part # CC115LRGPR.B
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR.B Datasheet(HTML) 53 Page - Texas Instruments

Back Button CC115LRGPR.B Datasheet HTML 49Page - Texas Instruments CC115LRGPR.B Datasheet HTML 50Page - Texas Instruments CC115LRGPR.B Datasheet HTML 51Page - Texas Instruments CC115LRGPR.B Datasheet HTML 52Page - Texas Instruments CC115LRGPR.B Datasheet HTML 53Page - Texas Instruments CC115LRGPR.B Datasheet HTML 54Page - Texas Instruments CC115LRGPR.B Datasheet HTML 55Page - Texas Instruments CC115LRGPR.B Datasheet HTML 56Page - Texas Instruments CC115LRGPR.B Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
CC115L
www.ti.com
SWRS105B – MAY 2011 – REVISED JUNE 2014
Table 5-37. 0x18: MCSM0 - Main Radio Control State Machine Configuration
Bit
Field Name
Reset
R/W
Description
7:6
R0
Not used
Automatically calibrate when going to or from TX mode
Setting
When to perform automatic calibration
0 (00)
Never (manually calibrate using SCAL strobe)
1 (01)
When going from IDLE to TX (or FSTXON)
5:4
FS_AUTOCAL[1:0]
0 (00)
R/W
When going from TX back to IDLE
2 (10)
automatically
Every 4th time when going from TX to IDLE
3 (11)
automatically
Programs the number of times the six-bit ripple counter must
expire after the XOSC has settled before CHP_RDYn goes
low.(1)
If XOSC is on (stable) during power-down, PO_TIMEOUT
shall be set so that the regulated digital supply voltage has
time to stabilize before CHP_RDYn goes low
(PO_TIMEOUT=2 recommended). Typical start-up time for the
voltage regulator is 50
μs.
For robust operation it is recommended to use PO_TIMEOUT
= 2 or 3 when XOSC is off during power-down.
Timeout after
Setting
Expire count
3:2
PO_TIMEOUT
1 (01)
R/W
XOSC start
Approximately 2.3
0 (00)
1
- 2.4
μs
Approximately 37 -
1 (01)
16
39
μs
Approximately 149
2 (10)
64
- 155
μs
Approximately 597
3 (11)
256
- 620
μs
Exact timeout depends on crystal frequency.
1
0
R/W
Use setting from SmartRF Studio SWRC176
0
XOSC_FORCE_ON
0
R/W
Force the XOSC to stay on in the SLEEP state.
(1)
Note that the XOSC_STABLE signal will be asserted at the same time as the CHIP_RDYn signal; that is, the PO_TIMEOUT delays both
signals and does not insert a delay between the signals.
Table 5-38. 0x20: RESERVED
Bit
Field Name
Reset
R/W
Description
7:3
31 (11111)
R/W
Use setting from SmartRF Studio SWRC176
2
R0
Not used
1:0
0 (00)
R/W
Use setting from SmartRF Studio SWRC176
Table 5-39. 0x22: FREND0 - Front End TX Configuration
Bit
Field Name
Reset
R/W
Description
7:6
R0
Not used
LODIV_BUF_CURRENT_
Adjusts current TX LO buffer (input to PA). The value to use in
5:4
1 (01)
R/W
TX[1:0]
this field is given by the SmartRF Studio software SWRC176.
3
R0
Not used
Selects PA power setting. This value is an index to the
PATABLE, which can be programmed with up to 2 different PA
2:0
PA_POWER[2:0]
0 (000)
R/W
settings. When using OOK, PA_POWER should be 001, and for
all other modulation formats it should be 000, see Section 5.5.6.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
53
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com