Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGPR.B Datasheet(PDF) 71 Page - Texas Instruments

Part # CC115LRGPR.B
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR.B Datasheet(HTML) 71 Page - Texas Instruments

Back Button CC115LRGPR.B Datasheet HTML 66Page - Texas Instruments CC115LRGPR.B Datasheet HTML 67Page - Texas Instruments CC115LRGPR.B Datasheet HTML 68Page - Texas Instruments CC115LRGPR.B Datasheet HTML 69Page - Texas Instruments CC115LRGPR.B Datasheet HTML 70Page - Texas Instruments CC115LRGPR.B Datasheet HTML 71Page - Texas Instruments CC115LRGPR.B Datasheet HTML 72Page - Texas Instruments CC115LRGPR.B Datasheet HTML 73Page - Texas Instruments CC115LRGPR.B Datasheet HTML 74Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
www.ti.com
PACKAGE OUTLINE
C
4.1
3.9
4.1
3.9
1.0
0.8
0.05
0.00
2X 2
16X 0.5
2X 2
20X
0.45
0.25
2.4 0.1
20X
0.29
0.19
(0.2) TYP
VQFN - 1 mm max height
RGP0020C
PLASTIC QUAD FLATPACK - NO LEAD
4219027/A 03/2025
0.08 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
(45 X 0.3)
SYMM
EXPOSED
THERMAL PAD
SYMM
1
5
6
10
11
15
16
20
21
0.1
C A B
0.05
C
SCALE 3.500
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com