Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGPR.B Datasheet(PDF) 44 Page - Texas Instruments

Part # CC115LRGPR.B
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR.B Datasheet(HTML) 44 Page - Texas Instruments

Back Button CC115LRGPR.B Datasheet HTML 40Page - Texas Instruments CC115LRGPR.B Datasheet HTML 41Page - Texas Instruments CC115LRGPR.B Datasheet HTML 42Page - Texas Instruments CC115LRGPR.B Datasheet HTML 43Page - Texas Instruments CC115LRGPR.B Datasheet HTML 44Page - Texas Instruments CC115LRGPR.B Datasheet HTML 45Page - Texas Instruments CC115LRGPR.B Datasheet HTML 46Page - Texas Instruments CC115LRGPR.B Datasheet HTML 47Page - Texas Instruments CC115LRGPR.B Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
Table 5-14. Configuration Registers Overview
Address
Register
Description
Preserved in SLEEP
Details on Page Number
State
GDO2 output pin
0x00
IOCFG2
Yes
Table 5-17
configuration
GDO1 output pin
0x01
IOCFG1
Yes
Table 5-18
configuration
GDO0 output pin
0x02
IOCFG0
Yes
Table 5-19
configuration
0x03
FIFOTHR
TX FIFO thresholds
Yes
Table 5-20
0x04
SYNC1
Sync word, high byte
Yes
Table 5-21
0x05
SYNC0
Sync word, low byte
Yes
Table 5-22
0x06
PKTLEN
Packet length
Yes
Table 5-23
0x07
Not used
0x08
PKTCTRL0
Packet automation control
Yes
Table 5-24
0x09
Not used
0x0A
CHANNR
Channel number
Yes
Table 5-25
0x0B
Not used
Frequency synthesizer
0x0C
FSCTRL0
Yes
Table 5-26
control
Frequency control word,
0x0D
FREQ2
Yes
Table 5-27
high byte
Frequency control word,
0x0E
FREQ1
Yes
Table 5-28
middle byte
Frequency control word,
0x0F
FREQ0
Yes
Table 5-29
low byte
0x10
MDMCFG4
Modem configuration
Yes
Table 5-30
0x11
MDMCFG3
Modem configuration
Yes
Table 5-31
0x12
MDMCFG2
Modem configuration
Yes
Table 5-32
0x13
MDMCFG1
Modem configuration
Yes
Table 5-33
0x14
MDMCFG0
Modem configuration
Yes
Table 5-34
0x15
DEVIATN
Modem deviation setting
Yes
Table 5-35
0x16
Not used
Main Radio Control State
0x17
MCSM1
Yes
Table 5-36
Machine configuration
Main Radio Control State
0x18
MCSM0
Yes
Table 5-37
Machine configuration
0x19 - 0x1F
Not Used
0x20
RESERVED
Yes
Table 5-38
0x21
Not Used
Front end TX
0x22
FREND0
Yes
Table 5-39
configuration
Frequency synthesizer
0x23
FSCAL3
Yes
Table 5-40
calibration
Frequency synthesizer
0x24
FSCAL2
Yes
Table 5-41
calibration
Frequency synthesizer
0x25
FSCAL1
Yes
Table 5-42
calibration
Frequency synthesizer
0x26
FSCAL0
Yes
Table 5-43
calibration
0x27 - 0x28
Not Used
0x29 - 0x2B
RESERVED
No
Table 5-44
0x2C
TEST2
Various test settings
No
Table 5-47
0x2D
TEST1
Various test settings
No
Table 5-48
44
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com